Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC61FC2542LL Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC61FC2542LL
Description  Voltage Detectors ( Delay Circuit Built-In)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61FC2542LL Datasheet(HTML) 5 Page - Torex Semiconductor

  XC61FC2542LL Datasheet HTML 1Page - Torex Semiconductor XC61FC2542LL Datasheet HTML 2Page - Torex Semiconductor XC61FC2542LL Datasheet HTML 3Page - Torex Semiconductor XC61FC2542LL Datasheet HTML 4Page - Torex Semiconductor XC61FC2542LL Datasheet HTML 5Page - Torex Semiconductor XC61FC2542LL Datasheet HTML 6Page - Torex Semiconductor XC61FC2542LL Datasheet HTML 7Page - Torex Semiconductor XC61FC2542LL Datasheet HTML 8Page - Torex Semiconductor XC61FC2542LL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
XC61F
Series
161
2
■Marking
GSOT-23, SOT-89
SOT-23
(TOP VIEW)
SOT-89
(TOP VIEW)
q w er
q
w
e
r
q Represents the integer of the Detect Voltage and the Output Configuration
CMOS output (XC61FC series)
N-channel open drain (XC61FN series)
VOLTAGE (V)
CMOS
N-ch
CMOS
N-ch
CMOS
N-ch
CMOS
N-ch
CMOS
N-ch
CMOS
N-ch
CMOS
N-ch
w Represents the decimal number of the Detect Voltage
e Indicates the presence of delay time
r Represents the assembly lot no.
Based on internal standards
6
80 to 400ms
7
1 to 50ms
H
DESIGNATOR
CONFIGURATION
A
B
VOLTAGE (V)
K
L
S
M
C
D
E
F
0.w
1.w
0.w
1.w
CONFIGURATION
DESIGNATOR
2.w
2.w
3.w
4.w
N
P
3.w
4.w
5.w
6.w
5.w
6.w
R
DESIGNATOR
0
1
q
.4
3
4
2
q
.0
q
.1
q
.2
DESIGNATOR
5
6
7
8
9
VOLTAGE (V)
q
.7
q
.3
q
.8
q
.9
VOLTAGE (V)
q
.5
q
.6
DESIGNATOR
50 to 200ms
5
DELAY TIME
GTO-92
2 3 4 5
6 7
1
TO-92(L Type)
(TOP VIEW)
61C
L
2 3 4 5
6 7
1
TO-92(T Type)
(TOP VIEW)
61C
q Represents the output
configuration
DESIGNATOR OUTPUT CONFIGURATION
C
CMOS
N
N-ch
w Re
w
3
5
D
r Indicates Delay Time
DESIGNATOR
DELAY TIME
1
50ms∼200ms
5
1ms∼50ms
4
80ms∼400ms
DESIGNATOR
DETECT VOLTAGE ACCURACY
2
within
±2%
t Represents the Detect Voltage Accuracy
w Represents the Detect Voltage
w
3
3.3
5
5.0
e
DESIGNATOR
VOLTAGE(V)
3
0
y Represents a least significant digit of
the produced year 
DESIGNATOR PRODUCED YEAR
0
2000
1
2001
u Denotes the production lot number
0 to 9, A to Z repeated(G.I.J.O.Q.W excepted)
02S_04XC61F 02.09.12 14:04 ページ 161


Similar Part No. - XC61FC2542LL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61FC1612LB TOREX-XC61FC1612LB Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
XC61FC1612LB TOREX-XC61FC1612LB Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61FC1612LH TOREX-XC61FC1612LH Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
XC61FC1612LH TOREX-XC61FC1612LH Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61FC1612LL TOREX-XC61FC1612LL Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
More results

Similar Description - XC61FC2542LL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61F TOREX-XC61F_2 Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61F TOREX-XC61F_1 Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
logo
E-CMOS Corporation
EC95810 E-CMOS-EC95810 Datasheet
931Kb / 15P
   Voltage Detectors with Built-in Delay Circuit
logo
Unisonic Technologies
81CXXX UTC-81CXXX_11 Datasheet
477Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX_15 Datasheet
492Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX_12 Datasheet
525Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX Datasheet
492Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX Datasheet
204Kb / 15P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
logo
AiT Semiconductor Inc.
A4809C AITSEMI-A4809C Datasheet
503Kb / 8P
   SUPERVISOR (RESET IC) VOLTAGE DETECTORS WITH DELAY CIRCUIT BUILT-IN
REV1.2
logo
Seiko Instruments Inc
S-19101C25H-N4T2U SII-S-19101C25H-N4T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com