Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR358 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # AR358
Description  CURRENT 35.0 Amperes VOLTAGE 50 TO 1000 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

AR358 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  AR358 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. AR358 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES AR3505 THRU AR3510
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
O
AMBIENT TEMPERATURE.( C)
FORWARD VOLTAGE. (V)
0
20
40
60
80 100 120 140
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLESAT 60Hz
FIG.4- TYPICAL REVERSECHARACTERISTICS
PERCENT OF RATED PEAK REVERSEVOLTAGE. (%)
FIG.5- TYPICAL JUNCTIONCAPACITANCE
REVERSE VOLTAGE. (V)
f=1.0MHz
Vsig=50mVp-p
O
Tj=25 C
FIG.3- TYPICAL FORWARD CHARACTERISTICS
O
Tj=100 C
1
2
5
10
20
50
1 00
O
Tj=25 C
PULSE WIDTH-300uS
2% DUTY CYCLE
8.3ms Single Half Wave
JEDEC Method
125
135
145
155
165
175
1000
100
10
1.0
0.1
0.6
1.0
1.4
1.8
2.2
2.6
100
60
40
20
10
6
4
2
1
0.6
0.4
0.2
0.1
1000
500
100
50
O
Tj=25 C
SINGLE PHASE
HALF SINE WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
35
30
25
20
15
10
5
0
1000
500
100
50
1
2
5
10
20
50
1 00


Similar Part No. - AR358

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
AR358 TAITRON-AR358 Datasheet
134Kb / 4P
   35A Automotive Rectifiers
logo
UNIOHM CORPORATION
AR358 UNIOHM-AR358 Datasheet
157Kb / 2P
   35.0 AMP SILICON RECTIFIERS
logo
MIC GROUP RECTIFIERS
AR358 MIC-AR358 Datasheet
38Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
logo
Shanghai Shunye Electro...
AR358 SHUNYE-AR358 Datasheet
225Kb / 2P
   AUTOMOTIVE BUTTON DIODE
More results

Similar Description - AR358

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBPC35005 DAESAN-KBPC35005 Datasheet
231Kb / 2P
   CURRENT 35.0 Amperes VOLTAGE 50 to 1000 Volts
SM101 DAESAN-SM101 Datasheet
232Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
   CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER201G DAESAN-HER201G Datasheet
284Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com