Electronic Components Datasheet Search |
|
XC9101D70AKL Datasheet(PDF) 7 Page - Torex Semiconductor |
|
XC9101D70AKL Datasheet(HTML) 7 Page - Torex Semiconductor |
7 / 19 page XC9101 Series 393 4 XC9101D09AKR VIN = 2.5V unless specified External Components : RFB1=200k Ω, RFB2=100kΩ, CFB=82pF *1 : EFFI = {[(Output Voltage) × (Output Current)] ÷ [(Input Voltage) × (Input Current)]} × 100 *2 : The capacity range of the capacitor used to set the external CLK frequency is 150 ~ 220pF Ta=25℃ SYMBOL CONDITIONS UNITS VINmax VOUT VINmin IDD1 ISTB FOSC ΔFOSC ΔVIN・FOSC ΔFOSC ΔTopr・FOSC MAXDTY MINDTY ILIM IISEN ICEH ICEL VCEH VIN=2.5V, VIN=CE, FB=0.9×0.95V VIN=2.5V, CE=VIN, VOUT=0.9×1.05V VIN=2.5V, CE=FB=VSS RT=10.0kΩ, CT=220pF VIN=2.5V∼20V Topr=−40∼+85℃ VIN=2.5V IOUT=300mA VOUT=0.9×0.95V VOUT=0.9×1.05V VIN pin voltage−ISEN pin voltage VIN=2.5V, ISEN=2.5V CE=VIN=2.5V, FB=0V CE=0V, VIN=2.5V, FB=0V Existence of CLK Oscillation, VOUT=0V, CE : Voltage applied Disappearance of CLK Oscillation, VOUT=0V, CE : Voltage applied EXT=VIN−0.4V, CE=VIN VOUT=Set voltage×0.95V EXT=0.4V, CE=VIN VOUT=Set voltage×1.05V Connect CSS and RSS, CE : 0V→2.5V 0.8775 20 − 280 79 90 4.5 −0.1 −0.1 0.6 0.9 − − 150 90 0.5 330 ±5 ±5 85 150 7 0 0 0.9225 − 2.5 255 176 89 2.0 380 0 220 13 0.1 0.1 V V V μA μA μA kHz % % % % mV μA μA μA V VCEL 0.2 V REXTH 31 58 Ω REXTL 27 45 Ω EFFI 88 % TSS 10 20 5 ms RCCGAIN 400 kΩ CIRCUITS q q q w w w e e e r r y y t t t t r r q q u IDD2 MIN. TYP. MAX. PARAMETER Maximum Operating Voltage Minimum Operating Voltage Supply Current 1 Stand-by Current Frequency Temperature Fluctuation Maximum Duty Cycle Minimum Duty Cycle Output Voltage CLK Oscillation Frequency Frequency Input Stability Current Limiter Voltage ISEN Current CE "High" Current CE "Low" Current CE "High" Voltage CE "Low" Voltage EXT "High" ON Resistance EXT "Low" ON Resistance Efficiency *1 Soft-Start Time CC/GAIN Pin Output Impedance Supply Current 2 04S_01XC9101/9102新規 02.09.12 14:38 ページ 393 |
Similar Part No. - XC9101D70AKL |
|
Similar Description - XC9101D70AKL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |