Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC61FC2542PH Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC61FC2542PH
Description  Voltage Detectors ( Delay Circuit Built-In)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61FC2542PH Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC61FC2542PH Datasheet HTML 4Page - Torex Semiconductor XC61FC2542PH Datasheet HTML 5Page - Torex Semiconductor XC61FC2542PH Datasheet HTML 6Page - Torex Semiconductor XC61FC2542PH Datasheet HTML 7Page - Torex Semiconductor XC61FC2542PH Datasheet HTML 8Page - Torex Semiconductor XC61FC2542PH Datasheet HTML 9Page - Torex Semiconductor XC61FC2542PH Datasheet HTML 10Page - Torex Semiconductor XC61FC2542PH Datasheet HTML 11Page - Torex Semiconductor XC61FC2542PH Datasheet HTML 12Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
XC61F Seires
166
2
■Typical Performance Characteristics
1.4
1.5
1.6
1.7
1.8
-40
-20
0
20
40
60
80
VDR
VDF
2.3
2.4
2.5
2.6
2.7
2.8
-40
-20
0
20
40
60
80
VDR
VDF
0.0
1.0
2.0
3.0
4.0
02
46
8
10
25℃
-30℃
Ta=80℃
XC61FN1612
XC61FN2512
XC61FN1612
0.0
1.0
2.0
3.0
4.0
02
46
8
10
25℃
Ta=80℃
-30℃
XC61FN2512
0.0
1.0
2.0
3.0
4.0
02
46
8
10
25℃
Ta=80℃
-30℃
XC61FN3512
3.2
3.3
3.4
3.5
3.6
3.7
3.8
-40
-20
0
20
40
60
80
VDR
VDF
0.0
0.5
1.0
1.5
2.0
2.5
3.0
01
23
Ta=-30℃
25℃
80℃
0
1
2
3
4
01
23
4
Ta=-30℃
25℃
80℃
0
1
2
3
4
5
01
2
3
45
Ta=-30℃
25℃
80℃
XC61FN3512
XC61FN1612
XC61FN2512
XC61FN3512
VIN-VOUT:100kΩ
VIN-VOUT:100kΩ
VIN-VOUT:100kΩ
0
3
6
9
12
15
0.0
0.5
1.0
1.5
2.0
1.0V
Ta=25℃
VIN=1.5V
0
200
400
600
800
1000
1200
1400
0
0.2
0.4
0.6
0.8
1.0
VIN =0.8V
0.7V
Ta=25℃
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
VIN =2.0V
Ta=25℃
1.5V
XC61FN1612
XC61FN1612
XC61FN2512
Ambient Temp.: Ta(℃)
(1) SUPPLY CURRENT vs. INPUT VOLTAGE
(2) DETECT VOLTAGE, RELEASE VOLTAGE vs. AMBIENT TEMPERATURE
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Ambient Temp.: Ta(℃)
(3) OUTPUT VOLTAGE vs. INPUT VOLTAGE
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
VDS (V)
VDS (V)
VDS (V)
Ambient Temp.: Ta(℃)
(4) N-CHANNEL DRIVER OUTPUT CURRENT vs. VDS
02S_04XC61F 02.09.12 14:04 ページ 166


Similar Part No. - XC61FC2542PH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61FC1612LB TOREX-XC61FC1612LB Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
XC61FC1612LB TOREX-XC61FC1612LB Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61FC1612LH TOREX-XC61FC1612LH Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
XC61FC1612LH TOREX-XC61FC1612LH Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61FC1612LL TOREX-XC61FC1612LL Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
More results

Similar Description - XC61FC2542PH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61F TOREX-XC61F_2 Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61F TOREX-XC61F_1 Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
logo
E-CMOS Corporation
EC95810 E-CMOS-EC95810 Datasheet
931Kb / 15P
   Voltage Detectors with Built-in Delay Circuit
logo
Unisonic Technologies
81CXXX UTC-81CXXX_11 Datasheet
477Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX_15 Datasheet
492Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX_12 Datasheet
525Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX Datasheet
492Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX Datasheet
204Kb / 15P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
logo
AiT Semiconductor Inc.
A4809C AITSEMI-A4809C Datasheet
503Kb / 8P
   SUPERVISOR (RESET IC) VOLTAGE DETECTORS WITH DELAY CIRCUIT BUILT-IN
REV1.2
logo
Seiko Instruments Inc
S-19101C25H-N4T2U SII-S-19101C25H-N4T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com