Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6209B122PL Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6209B122PL
Description  High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209B122PL Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6209B122PL Datasheet HTML 3Page - Torex Semiconductor XC6209B122PL Datasheet HTML 4Page - Torex Semiconductor XC6209B122PL Datasheet HTML 5Page - Torex Semiconductor XC6209B122PL Datasheet HTML 6Page - Torex Semiconductor XC6209B122PL Datasheet HTML 7Page - Torex Semiconductor XC6209B122PL Datasheet HTML 8Page - Torex Semiconductor XC6209B122PL Datasheet HTML 9Page - Torex Semiconductor XC6209B122PL Datasheet HTML 10Page - Torex Semiconductor XC6209B122PL Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
XC6209 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, Output On/Off Control
! ELECTRICAL CHARACTERISTICS
XC6209B Series
Ta=25
OC
(NOTE 1)
VOUT(T)=Specified Output Voltage
(NOTE 2)
VOUT(E)=Effective Output Voltage
(I.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value).
(NOTE 3)
Vdif={VIN1
(NOTE5)-VOUT1(NOTE4)}
(NOTE 4)
VOUT1=A voltage equal to 98% of the Output Voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input.
(NOTE 5)
VIN1=The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased.
(NOTE 6)
Unless otherwise stated, VIN=VOUT(T)+1.0V. If VOUT is less than 1.0V, VIN=2.0V.
IOUT=30mA (VOUT<1.0V)
-
1
% / V
0.20
0.01
∆VIN ⋅ VOUT
∆VOUT /
Line Regulation
- 0.03
VOUT(T)
VOUT(T)+1.0V<VIN<10V
IOUT=30mA (VOUT>1.0V)
VCE=VIN
IOUT=30mA
IOUT=100mA
1mA<IOUT<100mA
V
Output Voltage
VOUT (E)
IOUT=30mA (0.9 ~ 1.5V)
+ 0.03
mV
mV
µA
V
ppm/
OC
2.0V<VIN<10V
-
IOUT=30mA
-40
OC<Topr<85OC
CONDITIONS
IOUT=30mA (1.55V~)
2
-
10
-
100
-
1
VCE=VIN
IOUT=50mA, f=10kHz
-
-
0.01
0.10
1
-
1
15
50
mA
mV
Ripple Rejection Rate
PSRR
-
-0.10
-
-
VCE=VSS
2
4
300
-
1
-
µA
dB
mA
mA
0.10
-
VIN
Temperature Characteristics
0.25
CE "Low" Current
ICEL
70
50
-
∆Topr ⋅ VOUT
2
0.10
-
V
µA
Ilim
1
-
1
2
V
Output Voltage
CE "Low" Voltage
VCEL
Short-circuit Current
Ishort
Current Limiter
∆VOUT /
Input Voltage
-
-
Standby Current
Istby
VCE=VSS
2
CE "High" Voltage
VCEH
1.60
150
-
Maximum Output Current
IOUTMAX
CIRCUIT
MIN
MAX
UNITS
TYP
1
1
-
25
50
2
E-2 (page 9)
E-3 (page 9)
µA
× 1.02
PARAMETER
SYMBOL
Load Regulation
∆VOUT
Supply Current
IDD
Dropout Voltage
Vdif1
Vdif2
VIN
CE "High" Current
ICEH
-0.10
× 0.98
Semic onductor Ltd.
Data Sheet
7


Similar Part No. - XC6209B122PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209B30AD TOREX-XC6209B30AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209B31AD TOREX-XC6209B31AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209B32AD TOREX-XC6209B32AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209B33AD TOREX-XC6209B33AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209B34AD TOREX-XC6209B34AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results

Similar Description - XC6209B122PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com