Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1A1 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # R1A1
Description  CURRENT 1.0 AMPERES VOLTAGE 50V TO 1000 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

R1A1 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  R1A1 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. R1A1 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.3-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.4-TYPICAL REVERSE CHARACTERISTICS
100
0
25
175
150
125
75
50
0.8
0
0.2
1.0
0.6
0.4
LEAD TEMPERATURE ( ℃)
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
1.4
0.6
0.8
1.5
1.2
1.0
20
0.01
0.1
10
1
LEAD TEMPERATURE ( ℃)
TJ=25℃
PULSE WIDTH=300μS
1% DUTY CYCLE
10
1
100
40
0
10
50
30
20
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0.01
0.1
10
1.0
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
100
0
20
140
120
80
60
40
1
10
100
REVERSE VOLTAGE. VOLTS
10
1
100
0.1
TJ=25℃
TJ=25℃
RATINGS AND CHARACTERISTIC CURVES R1A1 THRU R1A7


Similar Part No. - R1A1

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
R1A100550R0J5A0 ANAREN-R1A100550R0J5A0 Datasheet
202Kb / 3P
   Anaren High Frequency Chip Resistor
R1A100550R0J5C0 ANAREN-R1A100550R0J5C0 Datasheet
192Kb / 3P
   Anaren High Frequency Chip Resistor
logo
DAESAN ELECTRONIC CORP.
R1A1G DAESAN-R1A1G Datasheet
203Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
More results

Similar Description - R1A1

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SM101 DAESAN-SM101 Datasheet
232Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
HEM101 DAESAN-HEM101 Datasheet
251Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
R1A1G DAESAN-R1A1G Datasheet
203Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
RS101 DAESAN-RS101 Datasheet
255Kb / 2P
   CURRENT 1.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Rectron Semiconductor
US1AFL RECTRON-US1AFL Datasheet
344Kb / 5P
   VOLTAGE: 50 to 1000 Volts CURRENT: 1.0 Amperes
logo
Kingtronics Internation...
1A1-1A7 KINGTRONICS-1A1-1A7 Datasheet
294Kb / 2P
   1.0 AMP. SILICON RECTIFIERS Voltage Range 50 to 1000 Volts Current 1.0 Amperes
logo
DAESAN ELECTRONIC CORP.
ER490 DAESAN-ER490 Datasheet
203Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 20 TO 40 VOLTS
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
   CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com