Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT108W-UR3 Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT108W-UR3
Description  Metal Can Red Emitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT108W-UR3 Datasheet(HTML) 1 Page - Marktech Corporate

  MT108W-UR3 Datasheet HTML 1Page - Marktech Corporate MT108W-UR3 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
506
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
Fiber Optics
MT108W-UR3
MT108W-UR3
MT108W-UR3
MT108W-UR3
MT108W-UR3
• Bar Code Scanning
• Fiber Optics
• Optical Switch
A
A
A
A
Applica
pplica
pplica
pplica
pplications -
tions -
tions -
tions -
tions -
• Visible Light Emitter
• Excellent Optical/Mechanical Axis Alignment
• Optical Grade Glass Lens
FFFFFea
ea
ea
ea
eatur
tur
tur
tur
tures -
es -
es -
es -
es -
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
Weight: 0.16 g (TYP.)
Unit: mm
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
I
F
50
mA
Reverse Voltage
V
R
4V
Pulse Forward Current
I
FP
0.5*
A
Power Dissapation
P
D
100
mW
Operating Temperature
T
opr
-20~80
°C
Storage Temperature
T
stg
-30~100
°C
* tw = 10µs, T = 10mS
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Power Output
PO
IF = 20mA
1.0
3.0
mW
Forward Voltage
V
F
IF = 20mA
1.8
2.4
V
Reverse Current
I
R
VR = 4V
100
µA
Peak Wavelength
λ
p
IF = 20mA
660
nm
Spectral Line Half Width
∆λ
IF = 20mA
20
nm
Rise Time
T
r
IFP = 50mA
—30
ns
Fall Time
T
f
—30
ns
Viewing Angle
θ
——
80
°
1. Anode
2. Cathode


Similar Part No. - MT108W-UR3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
More results

Similar Description - MT108W-UR3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE5066UR MARKTECH-MTE5066UR Datasheet
105Kb / 2P
   Metal Can Red Emitter
MT108J-UR MARKTECH-MT108J-UR Datasheet
58Kb / 2P
   Domed Metal Can Red Emitter
MT5050W-UG MARKTECH-MT5050W-UG Datasheet
56Kb / 2P
   Metal Can Green Emitter
MT5260N-UG MARKTECH-MT5260N-UG Datasheet
54Kb / 2P
   Metal Can Green Emitter
MT5260W-UG MARKTECH-MT5260W-UG Datasheet
57Kb / 2P
   Metal Can Green Emitter
MTE8080N3 MARKTECH-MTE8080N3 Datasheet
60Kb / 2P
   Metal Can Infrared Emitter
MT3740N2-WT MARKTECH-MT3740N2-WT Datasheet
55Kb / 2P
   Metal Can White Emitter
MT5260N2-UG MARKTECH-MT5260N2-UG Datasheet
54Kb / 2P
   Metal Can Green Emitter
MTE8720W MARKTECH-MTE8720W Datasheet
97Kb / 2P
   Metal Can IR Emitter
MTE4094D MARKTECH-MTE4094D Datasheet
58Kb / 2P
   Metal Can IR Emitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com