Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9101DA3AKL Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9101DA3AKL
Description  PWM Controlled Step-Up DC/DC Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9101DA3AKL Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9101DA3AKL Datasheet HTML 1Page - Torex Semiconductor XC9101DA3AKL Datasheet HTML 2Page - Torex Semiconductor XC9101DA3AKL Datasheet HTML 3Page - Torex Semiconductor XC9101DA3AKL Datasheet HTML 4Page - Torex Semiconductor XC9101DA3AKL Datasheet HTML 5Page - Torex Semiconductor XC9101DA3AKL Datasheet HTML 6Page - Torex Semiconductor XC9101DA3AKL Datasheet HTML 7Page - Torex Semiconductor XC9101DA3AKL Datasheet HTML 8Page - Torex Semiconductor XC9101DA3AKL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
XC9101Series
388
4
■Pin Configuration
■Product Classification
GOrdering Information
1
2
3
4
6
5
7
8
EXT
Isen
VIN
CE/SS
CC/GAIN
CLK
VOUT/FB
VSS
MSOP-8A
(TOP VIEW)
XC9101
DISIGNATOR SYMBOL
Soft-start
CVOUT (Fixed Voltage Type)
D
Number
FB
A
Adjustable Frequency
K
R
Embossed tape. Standard Feed
Embossed tape. Reverse Feed
L
Output Voltage : For voltages above 10V, see below :
10=A, 11=B, 12=C, 13=D, 14=E, 15=F, 16=H
e.g. VOUT=2.3V→w=2, e=3
VOUT=13.5V→w=D, e=5
FB products→w=0, e=9 fixed
Soft-start externally set-up
Soft-start externally set-up
VOUT/FB
MSOP-8A
The standard output voltages of the XC9101C series are 2.5V, 3.3V, and 5.0V.
Voltages other than those listed are semi-custom.
qwerty
q
y
t
r
we
■Pin Assignment
PIN NUMBER
PIN NAME
FUNCTION
1
EXT
Driver
2
Isen
Current Sense
3VIN
Power Input
4
CE/SS
CE/Soft Start
5
CLK
Clock Input
6
CC/GAIN
Phase Compensation
7VOUT/FB
Voltage Sense
8VSS
Ground
■Packaging Information
GMSOP-8A
3.00±0.10
0∼
6゚
0.30
+0.08
-0.02
0.15
+0.08
-0.02
(0.65)
04S_01XC9101/9102新規 02.09.12 14:38 ページ 388


Similar Part No. - XC9101DA3AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
More results

Similar Description - XC9101DA3AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com