Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT305-SLG Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT305-SLG
Description  Marktech Low Current 5mm LEDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT305-SLG Datasheet(HTML) 1 Page - Marktech Corporate

  MT305-SLG Datasheet HTML 1Page - Marktech Corporate MT305-SLG Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Marktech Low Current 5mm LEDs
Features
Optimized for low D.C. current
CMOS and TTL compatible
Excellent brightness at 2mA
Color diffused package
Series Line−Up
Part Number
Color
Material
MT305−SLG(2mA)
Green
GaP
MT305−SLHR(2mA)
High Efficency Red
GaAsP
MT305−SLUR(2mA)
Super Ultra Bright Red
GaAlAs
MT305−SLY(2mA)
Yellow
GaAsP
Maximum Ratings (Ta=25oC)
Part Number
Forward Current
IF
Reverse Voltage
VR
Power Dissipation
PD
Operating Temperature
Topr
Storage Temperature
Tstg
MT305−SLG(2mA)
30
5
105.00
−40 ~+ 85
−40 ~+ 85
MT305−SLHR(2mA)
30
5
105.00
−40 ~ 85
−40 ~ 85
MT305−SLUR(2mA)
30
5
100.00
−40 ~+ 85
−40 ~+ 85
MT305−SLY(2mA)
30
5
105.00
−40 ~+85
−40 ~+ 85
Unit
mA
V
mW
o
C
o
C
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - MT305-SLG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT305-SLG MARKTECH-MT305-SLG Datasheet
33Kb / 1P
   Marktech Low Current 5mm LEDs
More results

Similar Description - MT305-SLG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT4093-HR MARKTECH-MT4093-HR Datasheet
33Kb / 1P
   Marktech Low Current 5mm LEDs
MT4093-G MARKTECH-MT4093-G Datasheet
32Kb / 2P
   Marktech Low Current 3mm LEDs
MT7320-UR MARKTECH-MT7320-UR Datasheet
27Kb / 1P
   Marktech 5mm Tapered 20 Ultra Bright LEDs
MT1103-RG MARKTECH-MT1103-RG Datasheet
38Kb / 1P
   Marktech Standard 5mm Tinted & Colored Diff. LEDs
MT7386-UR MARKTECH-MT7386-UR Datasheet
28Kb / 2P
   Marktech 5mm Tapered 26쨘 Ultra Bright LEDs
MT2118-CUG MARKTECH-MT2118-CUG Datasheet
34Kb / 1P
   Marktech 5mm Ultra Bright Y G LEDs
MTA2264-YG MARKTECH-MTA2264-YG Datasheet
37Kb / 1P
   Marktech RT Angle Quad PCB MT 5mm LEDs
MT5491-HRG MARKTECH-MT5491-HRG Datasheet
42Kb / 2P
   Marktech 2 Leaded 5mm Tri−State LEDs
MT1218-RG MARKTECH-MT1218-RG Datasheet
35Kb / 1P
   Marktech Standard 5mm White Diff. & Water Clear LEDs
MT7118-UR MARKTECH-MT7118-UR Datasheet
35Kb / 1P
   Marktech 5mm 12 AND 36 Ultra Bright LEDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com