Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT900A-UR2 Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT900A-UR2
Description  5mm Dome Top Ultra Bright Emitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT900A-UR2 Datasheet(HTML) 1 Page - Marktech Corporate

  MT900A-UR2 Datasheet HTML 1Page - Marktech Corporate MT900A-UR2 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5mm Dome Top Ultra Bright Emitter
MT900A−UR2
Features
High power output
Narrow beam angle
High reliability
Stand off type
Applications
Optical sensor
Indicators
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Test Condition Unit
Forward Current
IF
50
mA
Pulsed Forward
Current
IFP
.50
Tw=10
µ S,
T=10mS
A
Reverse Voltage
VR
4
V
Power Dissipation
PD
120.00
mW
Operating
Temperature
Topr
−20 ~ +80
o
C
Storage Temperature
Tstg
−30 ~
+100
o
C
Soldering
Temperature
Tsol
260°
for 3 sec. max
o
C
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=20mA
1.80
2.20
V
Reverse Current
IR
VR=4V
100
µ A
Power Output
PO
IF=20mA
5.00
6.50
mW
Half Intensity Beam Angle
θ
± 12
o
deg.
Peak Wavelength
λp
IF=20mA
660
nm
Dominant Wavelength
λd
IF=20mA
643
nm
Spectral Line Half Width
∆λ
IF=20mA
20
nm
Specification subject to change without notice.
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - MT900A-UR2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT900A-UR2 MARKTECH-MT900A-UR2 Datasheet
642Kb / 4P
   Peak Emission Wavelength: 660nm
MT900A-UR2 MARKTECH-MT900A-UR2_11 Datasheet
642Kb / 4P
   Peak Emission Wavelength: 660nm
MT900A-UR2 MARKTECH-MT900A-UR2_2 Datasheet
250Kb / 2P
   Visible Light Emitting Diode
More results

Similar Description - MT900A-UR2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT900A-SLUR MARKTECH-MT900A-SLUR Datasheet
111Kb / 2P
   5mm Dome Top Ultra Bright Emmiter
MT511-UR MARKTECH-MT511-UR Datasheet
61Kb / 2P
   5mm Flat Top Ultra Bright Emitter
MT511A-UR2 MARKTECH-MT511A-UR2 Datasheet
104Kb / 2P
   5mm Flat Top Ultra Bright Emitter
MT1318A-UR MARKTECH-MT1318A-UR Datasheet
63Kb / 2P
   5mm Red Ultra Bright Emitter
MT1318-UR MARKTECH-MT1318-UR Datasheet
62Kb / 2P
   5mm Red Ultra Bright Emitter
MT85F-UR MARKTECH-MT85F-UR Datasheet
205Kb / 2P
   700nm Ultra Bright Emitter
MTE9094N2 MARKTECH-MTE9094N2 Datasheet
60Kb / 2P
   5mm Flat Top IR Emitter
MT4730NF-WT MARKTECH-MT4730NF-WT Datasheet
50Kb / 2P
   5mm Flat Top White Emitter
LC503AYL2-30Q-A MARKTECH-LC503AYL2-30Q-A Datasheet
354Kb / 2P
   Ultra Bright Yellow 5mm LED
LC503TSB1-15H-A MARKTECH-LC503TSB1-15H-A Datasheet
58Kb / 2P
   Ultra Bright Blue 5mm LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com