Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT1058A-UY Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT1058A-UY
Description  3mm Ceramic Visible Emitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT1058A-UY Datasheet(HTML) 1 Page - Marktech Corporate

  MT1058A-UY Datasheet HTML 1Page - Marktech Corporate MT1058A-UY Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3mm Ceramic Visible Emitter
MT1058A−UY
Features
Wide Viewing Angle
Compact
Applications
Indicator
Light Source for Sensor
Optical Switches
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Test Condition Unit
Forward Current
IF
30
mA
Pulsed Forward
Current
IFP
.30
tw=10
µ S,
T=10mS
A
Reverse Voltage
VR
10
V
Power Dissipation
PD
80.00
mW
Operating
Temperature
Topr
−20 ~ +80
o
C
Storage Temperature
Tstg
−30
~+100
o
C
Junction Temperature
Tj
100
o
C
Soldering
Temperature
Tsol
260
for 5 sec. max
o
C
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=20mA
2.10
2.40
V
Reverse Current
IR
VR=10V
100
µA
Power Output
PO
IF=20mA
.10
mW
Half Intensity Beam Angle
θ
± 75
o
deg.
Peak Wavelength
λp
IF=20mA
585
nm
Dominant Wavelength
λd
IF=20mA
580
nm
Spectral Line Half Width
∆λ
IF=20mA
32
nm
Luminous Intensity
IV
IF=20mA
5.00
mcd
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - MT1058A-UY

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1059A-UY MARKTECH-MT1059A-UY Datasheet
62Kb / 2P
   3mm Ceramic Visible Emitter
More results

Similar Description - MT1058A-UY

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1059A-UY MARKTECH-MT1059A-UY Datasheet
62Kb / 2P
   3mm Ceramic Visible Emitter
MT6660C-UR MARKTECH-MT6660C-UR Datasheet
50Kb / 2P
   3mm Visible Emitter
MT6650-UR MARKTECH-MT6650-UR Datasheet
51Kb / 2P
   3mm Visible Emitter
MT6700C-UR2 MARKTECH-MT6700C-UR2 Datasheet
55Kb / 1P
   3mm RED VISIBLE EMITTER
MTE2056N MARKTECH-MTE2056N_15 Datasheet
755Kb / 4P
   Visible Emitter
MTE2056W MARKTECH-MTE2056W_15 Datasheet
639Kb / 4P
   Visible Emitter
MTE3061NJ1-UO MARKTECH-MTE3061NJ1-UO_15 Datasheet
663Kb / 3P
   Visible Emitter
MTE5066W MARKTECH-MTE5066W Datasheet
649Kb / 4P
   Visible Emitter
MTE5066WSC MARKTECH-MTE5066WSC Datasheet
613Kb / 3P
   Visible Emitter
MTE5900W MARKTECH-MTE5900W Datasheet
626Kb / 4P
   Visible Emitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com