Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6209E122DL Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6209E122DL
Description  High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209E122DL Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6209E122DL Datasheet HTML 1Page - Torex Semiconductor XC6209E122DL Datasheet HTML 2Page - Torex Semiconductor XC6209E122DL Datasheet HTML 3Page - Torex Semiconductor XC6209E122DL Datasheet HTML 4Page - Torex Semiconductor XC6209E122DL Datasheet HTML 5Page - Torex Semiconductor XC6209E122DL Datasheet HTML 6Page - Torex Semiconductor XC6209E122DL Datasheet HTML 7Page - Torex Semiconductor XC6209E122DL Datasheet HTML 8Page - Torex Semiconductor XC6209E122DL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
XC6209 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, Output On/Off Control
! PIN CONFIGURATION
! PIN ASSIGNMENT
! SELECTION GUIDE
The following options for the CE pin logic and internal pull-up/down are available:
High Active + no pull-down resistor built-in (standard)
High Active + 2.0M
Ω pull-down resistor built-in <between CE-VSS> (semi-custom)
Low Active + no pull-up resistor built-in (semi-custom)
Low Active + 2.0M
Ω pull-up resistor built-in <between VIN-CE> (semi-custom)
Note: *With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by VIN / 2.0M
Ω (TYP.).
! ORDERING INFORMATION
XC6209
123456
Output Voltage : 100mV Step
Accuracy : within
±2% (*Note2)
e.g.
2=2, 3=8, 4=2
⇒ 2.80V
Output Voltage : 50mV Step
Accuracy : within
±2% (*Note 2)
e.g.
2=2, 3=8, 4=A
⇒ 2.85V
Package Type :
SOT-25
SOT-89
USP - 6B
Output Voltage :
Device Orientation :
e.g. 3.0V =
2 : 3, 3 : 0
Embossed Tape : Standard Feed
Embossed Tape : Reverse Feed
(Note 1) Maximum output current of the XC6209E ~ H series depend on the setting voltage.
(Note 2) Within ± 30mV (VOUT<1.5V)
Output
Ground
ON/OFF Control
No Connection
DESCRIPTION
FUNCTION
Input
CE
NC
VOUT
33
6
VSS
1
(*Note1)
SOT-25
SOT-89-5
USP-6B
22
5
1
1
2
41
2, 4
55
3
M
PIN NAME
4
D / H
SYMBOL
4
5
DESCRIPTION
Active 'Low'
(no pull-up resistor built in, stanard)
VIN
Integer
PIN NUMBER
6
D
R
L
DESIGNATOR
SYMBOL
DESIGNATOR
A / E
B / F
C / G
P
High Active
(pull-down resistor built in, semi-custom)
High Active
(no pull-down resistor built in, standard)
Low Active
(pull-up resistor built in, semi-custom)
A
2 3
4
2
5
1
3
CE
(NC)
VIN
VSS
VOUT
SOT-25 (TOP VIEW)
USP-6B (BOTTOM VIEW)
VOUT
5
VSS
2
VIN
4
1
NC
2
VSS
3
CE
SOT-89 (TOP VIEW)
Semic onductor Ltd.
*Please do not connect a heat dissipation pad to
the circuitry. If the pad needs to be connected to
the circuitry, it should be connected to the VSS
pin.
3 VOUT
2 NC
1 VIN
NC 4
VSS 5
CE 6
Data Sheet
2


Similar Part No. - XC6209E122DL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209E30AD TOREX-XC6209E30AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209E31AD TOREX-XC6209E31AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209E32AD TOREX-XC6209E32AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209E33AD TOREX-XC6209E33AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209E34AD TOREX-XC6209E34AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results

Similar Description - XC6209E122DL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com