Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9101D29AKL Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9101D29AKL
Description  PWM Controlled Step-Up DC/DC Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9101D29AKL Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9101D29AKL Datasheet HTML 1Page - Torex Semiconductor XC9101D29AKL Datasheet HTML 2Page - Torex Semiconductor XC9101D29AKL Datasheet HTML 3Page - Torex Semiconductor XC9101D29AKL Datasheet HTML 4Page - Torex Semiconductor XC9101D29AKL Datasheet HTML 5Page - Torex Semiconductor XC9101D29AKL Datasheet HTML 6Page - Torex Semiconductor XC9101D29AKL Datasheet HTML 7Page - Torex Semiconductor XC9101D29AKL Datasheet HTML 8Page - Torex Semiconductor XC9101D29AKL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PWM Controlled Step-Up DC/DC Controllers
Series
387
4
The XC9101 series are step-up multiple current and voltage feedback
DC/DC controller ICs. Current sense, clock frequencies and amp
feedback gain can all be externally regulated.
A stable power supply is possible with output currents of up to 1.5A.
With output voltage fixed internally, VOUT is selectable in 0.1V steps
within a 2.5V - 16.0V range (± 2.5%).
For output voltages outside this range, we recommend the FB version
which has a 0.9V internal reference voltage. Using this version, the
required output voltage can be set-up using 2 external resistors.
Switching frequencies can also be set-up externally within a range of
100~600 kHz and therefore frequencies suited to your particular
application can be selected.
With the current sense function, peak currents (which flow through
the driver transistor and the coil) can be controlled. Soft-start time can
be adjusted using external resistor and capacitor.
During shutdown (CE pin =L), consumption current can be reduced to
as little as 0.5
µA (TYP.) or less.
■General Description
GStable Operations via Current & Voltage Multiple Feedback
GUnlimited Options for Peripheral Selection
GCurrent Protection Circuit
GCeramic Capacitor Compatible
GMobile, Cordless phones
GPalm top computers, PDAs
GPortable games
GCameras, Digital cameras
GLaptops
■Features
■Applications
NInput Voltage Range : 2.5V ~ 20V
NOutput Voltage Range
: 2.5V ~ 16V
(Fixed Voltage Type)
: 30V + (Adjustable Type)
NOscillation Frequency Range
: 100kHz ~ 600kHz
NOutput Current
: up to 1.5A
NCeramic Capacitor Compatible
NMSOP-8A Package
VIN=2.5V
4.2V
3.3V
40
60
80
100
1
10
100
1000
Output Current : IOUT (mA)
CLK 5
1 EXT
2 Isen
3 VIN
4 CE/SS
VOUT 7
GAIN 6
Vss 8
U3FWJ44N
50mΩ
22μH
220μF
+10μF
150kΩ
0.1μF
1μF
22KΩ
XP161A1355PR
180pF
470pF
94μF
■Typical Application Circuit
■Typical Performance
Characteristic
VOUT:5.0V FOSC:180kHz
04S_01XC9101/9102新規 02.09.12 14:37 ページ 387


Similar Part No. - XC9101D29AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
More results

Similar Description - XC9101D29AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com