Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ50 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SMAJ50
Description  POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMAJ50 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SMAJ50 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMAJ50 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SMAJ50 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SMAJ50 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified. VF=3.5V at IF=25A (uni-directional only)
Device
Breakdown Voltage
Maximum
Maximum
Maximum
Device Type
Marking
V(BR) at IT (1)
Test
Stand-off
Reverse Leakage Peak Pulse Surge
Clamping
Code
(V)
Current
Voltage
at VWM
Current IPPM
Voltage at IPPM
UNI
BI
Max
Min
IT (mA)
VWM (V)
ID (μ
A) (3)
(A)(2)
VC (V)
S MAJ 5.0(C )
AD
WD
6.40
7.82
7.07
10
5.0
800
41.7
9.6
S MAJ 5.0(C )A(5)
AE
WE
6.40
10
5.0
800
43.5
9.2
S MAJ 6.0(C )
AF
WF
6.67
8.15
7.37
10
6.0
800
35.1
11.4
S MAJ 6.0(C )A
AG
WG
6.67
10
6.0
800
38.8
10.3
S MAJ 6.5(C )
AH
WH
7.22
7.22
8.82
10
6.5
500
32.5
12.3
S MAJ 6.5(C )A
AK
WK
7.98
10
6.5
500
35.7
11.2
S MAJ 7.0(C )
AL
WL
7.78
9.51
8.60
10
7.0
200
30.1
13.3
S MAJ 7.0(C )A
AM
WM
7.78
10
7.0
200
33.3
12.0
S MAJ 7.5(C )
AN
WN
8.33
10.2
9.21
1.0
7.5
100
28.0
14.3
S MAJ 7.5(C )A
AP
WP
8.33
1.0
7.5
100
31.0
12.9
S MAJ 8.0(C )
AQ
WQ
8.89
10.9
9.83
1.0
8.0
50
26.7
15.0
S MAJ 8.0(C )A
AR
WR
8.89
1.0
8.0
50
29.4
13.6
S MAJ 8.5(C )
AS
WS
9.44
11.5
10.4
1.0
8.5
10
25.2
15.9
S MAJ 8.5(C )A
AT
WT
9.44
1.0
8.5
10
27.8
14.4
S MAJ 9.0(C )
AU
WU
10.0
12.2
11.1
1.0
9.0
5.0
23.7
16.9
S MAJ 9.0(C )A
AV
WV
10.0
1.0
9.0
5.0
26.0
15.4
S MAJ 10(C )
AW
WW
11.1
13.6
12.3
1.0
10
1.0
21.3
18.8
S MAJ 10(C )A
AX
WX
11.1
1.0
10
1.0
23.5
17.0
S MAJ 11(C )
AY
WY
12.2
14.9
13.5
1.0
11
1.0
19.9
20.1
S MAJ 11(C )A
AZ
WZ
12.2
1.0
11
1.0
22.0
18.2
S MAJ 12(C )
B D
XD
13.3
16.3
14.7
1.0
12
1.0
18.2
22.0
S MAJ 12(C )A
B E
XE
13.3
1.0
12
1.0
20.1
19.9
S MAJ 13(C )
B F
XF
14.4
17.6
15.9
1.0
13
1.0
16.8
23.8
S MAJ 13(C )A
B G
XG
14.4
1.0
13
1.0
18.6
21.5
S MAJ 14(C )
B H
XH
15.6
19.1
17.2
1.0
14
1.0
15.5
25.8
S MAJ 14(C )A
B K
XK
15.6
1.0
14
1.0
17.2
23.2
S MAJ 15(C )
B L
XL
16.7
20.4
18.5
1.0
15
1.0
14.9
26.9
S MAJ 15(C )A
B M
XM
16.7
1.0
15
1.0
16.4
24.4
S MAJ 16(C )
B N
XN
17.8
21.8
19.7
1.0
16
1.0
13.9
28.8
S MAJ 16(C )A
B P
XP
17.8
1.0
16
1.0
15.4
26.0
S MAJ 17(C )
B Q
XQ
18.9
23.1
20.9
1.0
17
1.0
13.1
30.5
S MAJ 17(C )A
B R
XR
18.9
1.0
17
1.0
14.5
27.6
S MAJ 18(C )
B S
XS
20.0
24.4
22.1
1.0
18
1.0
12.4
32.2
S MAJ 18(C )A
B T
XT
20.0
1.0
18
1.0
13.7
29.2
S MAJ 20(C )
B U
XU
22.2
27.1
24.5
1.0
20
1.0
11.2
35.8
S MAJ 20(C )A
B V
XV
22.2
1.0
20
1.0
12.3
32.4
S MAJ 22(C )
B W
XW
24.4
29.8
26.9
1.0
22
1.0
10.2
39.4
S MAJ 22(C )A
B X
XX
24.4
1.0
22
1.0
11.3
35.5
S MAJ 24(C )
B Y
XY
26.7
32.6
29.5
1.0
24
1.0
9.3
43.0
S MAJ 24(C )A
B Z
XZ
26.7
1.0
24
1.0
10.3
38.9
S MAJ 26(C )
C D
Y D
28.9
35.3
31.9
1.0
26
1.0
8.6
46.6
S MAJ 26(C )A
C E
Y E
28.9
1.0
26
1.0
9.5
42.1
S MAJ 28(C )
C F
Y F
31.1
38.0
34.4
1.0
28
1.0
8.0
50.0
S MAJ 28(C )A
C G
Y G
31.1
1.0
28
1.0
8.8
45.4
S MAJ 30(C )
C H
Y H
33.3
40.7
36.8
1.0
30
1.0
7.5
53.5
S MAJ 30(C )A
C K
Y K
33.3
1.0
30
1.0
8.3
48.4
Notes : (1) P ulse test: tp=50ms
(2) S urge current waveform per F ig. 3 and derate per F ig. 2
(3) For bi-directional types having V WM of 10 Volts and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANS I/IE E E C 62.35
(5) For the bidirectional S MAJ 5.0C A, the maximum V(BR ) is 7.25V.


Similar Part No. - SMAJ50

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ50 SOCAY-SMAJ50 Datasheet
627Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ50 SOCAY-SMAJ50 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ50 SOCAY-SMAJ50 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ50 SOCAY-SMAJ50 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ50 SOCAY-SMAJ50 Datasheet
627Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMAJ50

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0 DAESAN-SMBJ5.0 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
SMCJ5.0 DAESAN-SMCJ5.0 Datasheet
709Kb / 4P
   POWER 1500Watts VOLTAGE 5.0 to 188 Volts
P4KE6.8 DAESAN-P4KE6.8 Datasheet
732Kb / 5P
   POWER 400Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
P4FL5.0A ZSELEC-P4FL5.0A Datasheet
218Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL20A ZSELEC-P4FL20A Datasheet
193Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
DAESAN ELECTRONIC CORP.
SA5.0 DAESAN-SA5.0 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Micro Commercial Compon...
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com