Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP87 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SFP87
Description  CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SFP87 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SFP87 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SFP87 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SFP81 THRU SFP87
Features
Mechanical Data
· Low forward voltage drop
· High current capability
· High reliability
· High surge current capability
· Super fast recovery time
· Good for use in switching mode circuits
· Plastic package has Underwrites Laboratory Flammability
Classification 94V-0
Maximum Ratings And Electrical Characteristics
· Case : JEDEC ITO-220A molded plastic body
· Terminals : Lead solderable per
MIL-STD-750, method 2026
· Polarity : As marked
· Mounting Position : Any
· Weight : 0.08 ounce, 2.24 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
(3) Thermal resistance from junction to case mounting on heatsink.
CURRENT 8.0 Amperes
VOLTAGE 50 to 600 Volts
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
at TC=100℃
Maximum instantaneous forward voltage
at 8.0A
VRRM
Volts
Symbols
Units
0.975
VF
VRMS
8.0
Amps
Amps
125
IFSM
TJ
TSTG
400
-55 to +150
℃/W
Volts
Maximum DC reverse
current at rated DC
blocking voltage
Maximum reverse recovery time (Note 1)
Typical junction capacitance (Note 2)
Typical thermal resistance (Note 3)
Operating junction and storage
temperature range
50
35
50
10
35
2.2
Volts
μA
ns
pF
I(AV)
IR
Trr
TA=25℃
TA=100℃
80
CJ
SFP81
1.30
1.70
60
-55 to +150
100
70
100
SFP82
150
105
150
SFP83
200
140
200
SFP84
300
210
300
SFP85
400
280
400
SFP86
600
420
600
SFP87
JC
Dimensions in inches and (millimeters)
ITO-220A
5.08
0.7 0.2
1.3 0.2
10 0.5
3.2
2.7
4.5 0.2
0.5
2.4
++
PIN 1
PIN 1
PIN 2
PIN 2
CASE
CASE
CasePositive
Case Negative
Suffix"R"
++
++


Similar Part No. - SFP87

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SFP830 SEMIWELL-SFP830 Datasheet
950Kb / 7P
   N-Channel MOSFET
SFP830D SEMIWELL-SFP830D Datasheet
216Kb / 5P
   N-Channel MOSFET
SFP840 SEMIWELL-SFP840 Datasheet
874Kb / 7P
   N-Channel MOSFET
More results

Similar Description - SFP87

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SF81 DAESAN-SF81 Datasheet
324Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
HEP801 DAESAN-HEP801 Datasheet
256Kb / 2P
   CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
HER801 DAESAN-HER801 Datasheet
304Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
logo
Yea Shin Technology Co....
SF801F YEASHIN-SF801F Datasheet
41Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
SF801 YEASHIN-SF801 Datasheet
41Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
logo
DAESAN ELECTRONIC CORP.
KBU8A DAESAN-KBU8A Datasheet
181Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC8005 DAESAN-KBPC8005 Datasheet
178Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
FP801 DAESAN-FP801 Datasheet
321Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
8A05 DAESAN-8A05 Datasheet
138Kb / 1P
   CURRENT 8.0 Amperes VOLTAGE 50 TO 100 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com