Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9201D09AKL Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9201D09AKL
Description  PWM Controlled Step-Down DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9201D09AKL Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9201D09AKL Datasheet HTML 5Page - Torex Semiconductor XC9201D09AKL Datasheet HTML 6Page - Torex Semiconductor XC9201D09AKL Datasheet HTML 7Page - Torex Semiconductor XC9201D09AKL Datasheet HTML 8Page - Torex Semiconductor XC9201D09AKL Datasheet HTML 9Page - Torex Semiconductor XC9201D09AKL Datasheet HTML 10Page - Torex Semiconductor XC9201D09AKL Datasheet HTML 11Page - Torex Semiconductor XC9201D09AKL Datasheet HTML 12Page - Torex Semiconductor XC9201D09AKL Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
XC9201
Series
543
5
3.3V
∼1.5A
47μF(OS) or
10μF(ceramic)×4
VSS
VOUT
CC/GAIN
∼30kΩ
220pF
470pF
CLK
8
7
6
5
22μH
1
EXT
Isen
2
3VIN
4
CE/SS
1μF
SD
47
7.2V
50mΩ
PMOS
240kΩ
μF 0.22μF
■Typical Application Circuits
XC9201C33AKR
5.0V
∼1.5A
47μF(OS)
+220μF(any)
VSS
VOUT
CC/GAIN
∼30kΩ
220pF
470pF
CLK
8
7
6
5
22μH
1
EXT
Isen
2
3VIN
4
CE/SS
1μF
SD
12.0V
20mΩ
PMOS
240kΩ
0.33μF
47μF
+220μF
PMOS
: XP132A11A1SR(TOREX)
Coil
: 22
µH(CR105 SUMIDA)
Resistor
: 50m
Ω for Isen (NPR1 KOWA), 30kΩ(trimmer) for CLK, 240kΩ for SS
Capacitors : 220pF( ceramic) for CLK, 470pF(ceramic) for CC/GAIN, 0.22
µF(any) for SS,1µF(ceramic) for Bypass
47
µF(OS) or 10µF(ceramic) x 4 for CL, 47µF(tantalum) for CIN
SD
: U3FWJ44N(TOSHIBA)
XC9201C50AKR
PMOS
: XP132A11A1SR(TOREX)
Coil
: 22
µH(CDRH127 SUMIDA)
Resistor
: 20m
Ω for Isen (NPR1 KOWA), 30kΩ(trimmer) for CLK, 240kΩ for SS
Capacitors : 220pF(ceramic) for CLK, 470pF(ceramic) for CC/GAIN, 0.33
µF(any) for SS, 1µF(ceramic) for Bypass
47
µF(OS)+220µF(any) for CL, 47µF(tantalum)+220µF(any) for CIN
SD
: U3FWJ44N(TOSHIBA)
05S_1XC9201/9202新規 02.09.12 15:16 ページ 543


Similar Part No. - XC9201D09AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9201DCCAL TOREX-XC9201DCCAL Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCAR TOREX-XC9201DCCAR Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCKL TOREX-XC9201DCCKL Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCKR TOREX-XC9201DCCKR Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
More results

Similar Description - XC9201D09AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_10 Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com