Selected language     English  ▼


SMAJ7.0 Datasheet(PDF) 1 Page - Daesan Electronics Corp.

Part No. SMAJ7.0
Description  POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAESAN [Daesan Electronics Corp.]
Homepage  http://www.diodelink.com
Logo 

   
 1 page
background image
SMAJ5.0 THRU SMAJ188CA
Features
Mechanical Data
· Plastic package has Underwriters Laboratory
flammability classification 94V-0
· Optimized for LAN protection applications
· Ideal for ESD protection of data lines in accordance with
IEC 1000-4-2 (IEC801-2)
· Ideal for EFT protection of data lines in accordance with
IEC 1000-4-4 (IEC801-4)
· Low profile package with built-in strain relief for surface
mounted applications
· Glass passivated junction
· Low incremental surge resistance, excellent clamping
capability
· 400W peak pulse power capability with a 10/1000μS
waveform, repetition rate(duty cycle) : 0.01% (300W above 78V)
· Very fast response time
· High temperature soldering guaranteed : 250℃/10 seconds
at terminals
Devices For Bidirectional Applications
Maximum Ratings And Electrical Characteristics
· For bi-directional devices, use suffix C or CA (e.g. SMAJ10C, SMAJ10CA).
Electrical characteristics apply in both directions.
· Case : JEDEC DO-214AC(SMA) molded plastic
over passivated chip
· Terminals : Solder plated , solderable per
MIL-STD-750, method 2026
· Polarity : For uni-directional types the band denotes
the cathode, which is positive with respect to the
anode under normal TVS operation
· Mounting Position : Any
· Weight : 0.002 ounce, 0.064 gram
Peak pulse power dissipation with a 10/1000μS waveform (Note 1,2. Fig. 1)
Peak pulse current with a waveform (Note 1)
Typical thermal resistance, junction to lead
Typical thermal resistance, junction to ambient (Note 3)
Peak forward surge current, 8.3mm single half sine-wave unidirectional only (Note 2)
Operating junction and storage temperature range
PPPM
400
Watts
Symbols
Values
Units
30
IPPM
See next table
Amps
40
IFSM
TJ,TSTG
120
-55 to +150
℃/W
℃/W
Amps
(Ratings at 25℃ ambient temperature unless otherwise specified)
Notes:
(1) Non repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2 Rating is 300W above 78V
(2) Mounted on 0.2×0.2"(5.0×5.0mm) copper pads to each terminal
(3) Mounted on minimum recommended pad layout
POWER 400Watts
VOLTAGE 5.0 to 188 Volts
Dimensions in inches and (millimeters)
0.058(1.47)
0.052(1.32)
0.110(2.79)
0.100(2.54)
0.012(0.31)
0.006(0.15)
0.177(4.50)
0.157(3.99)
0.090(2.29)
0.078(1.98)
0.060(1.52)
0.030(0.76)
0.005(0.127)
MAX.
0.208(5.28)
0.194(4.93)
DO-214AC (SMA)
JA
JL




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3KP5.0GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts 1 2 3 4 Formosa MS
P4SMAJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse 1 2 3 4 Pan Jit International Inc.
P6KEGLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State 1 2 3 4 5 MorePan Jit International Inc.
P6SMBJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse 1 2 3 4 Pan Jit International Inc.
SA50GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power 1 2 3 4 5 MorePan Jit International Inc.
5KPGLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power 1 2 3 DB Lectro Inc
15SMCJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse 1 2 3 4 Pan Jit International Inc.
3KPGLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power 1 2 3 4 5 MorePan Jit International Inc.
SF51GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes 1 2 Rectron Semiconductor
1SMC50AUNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS 5.0 THRU 170 VOLTS 1 2 Central Semiconductor Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl