Selected language     English  ▼


SMAJ7.0 Datasheet(PDF) 3 Page - Daesan Electronics Corp.

Part No. SMAJ7.0
Description  POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAESAN [Daesan Electronics Corp.]
Homepage  http://www.diodelink.com
Logo 

   
 3 page
background image
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified. VF=3.5V at IF=25A (uni-directional only)
Device
Breakdown Voltage
Maximum
Maximum
Maximum
Device Type
Marking
V(BR) at I T (1)
Test
Stand-off
Reverse Leakage Peak Pulse Surge
Clamping
Code
(V)
Current
Voltage
at VWM
Current IPPM
Voltage at IPPM
UNI
BI
Max
Min
IT (mA)
VWM (V)
ID (μA) (3)
(A)(2)
VC (V)
S MAJ 33(C )
C L
Y L
36.7
44.9
40.6
1.0
33
1.0
6.8
59.0
S MAJ 33(C )A
C M
Y M
36.7
1.0
33
1.0
7.5
53.3
S MAJ 36(C )
C N
Y N
40.0
48.9
1.0
36
1.0
6.2
64.3
S MAJ 36(C )A
C P
Y P
40.0
1.0
36
1.0
6.9
58.1
S MAJ 40(C )
C Q
Y Q
44.4
54.3
44.2
1.0
40
1.0
5.6
71.4
S MAJ 40(C )A
C R
Y R
44.4
1.0
40
1.0
6.2
64.5
S MAJ 43(C )
C S
Y S
47.8
58.4
49.1
1.0
43
1.0
5.2
76.7
S MAJ 43(C )A
C T
Y T
47.8
1.0
43
1.0
5.8
69.4
S MAJ 45(C )
C U
Y U
50.0
61.1
52.8
1.0
45
1.0
5.0
80.3
S MAJ 45(C )A
C V
Y V
50.0
1.0
45
1.0
5.5
72.7
S MAJ 48(C )
C W
Y W
53.3
65.1
55.3
1.0
48
1.0
4.7
85.5
S MAJ 48(C )A
C X
Y X
53.3
1.0
48
1.0
5.2
77.4
S MAJ 51(C )
C Y
Y Y
56.7
69.3
58.9
1.0
51
1.0
4.4
91.1
S MAJ 51(C )A
C Z
Y Z
56.7
1.0
51
1.0
4.9
82.4
S MAJ 54(C )
R D
ZD
60.0
73.3
62.7
1.0
54
1.0
4.2
96.3
S MAJ 54(C )A
R E
ZE
60.0
1.0
54
1.0
4.6
87.1
S MAJ 58(C )
R F
ZF
64.4
78.7
66.3
1.0
58
1.0
3.9
103
S MAJ 58(C )A
R G
ZG
64.4
1.0
58
1.0
4.3
93.6
S MAJ 60(C )
R H
ZH
66.7
81.5
71.2
1.0
60
1.0
3.7
107
S MAJ 60(C )A
R K
ZK
66.7
1.0
60
1.0
4.1
96.8
S MAJ 64(C )
R L
ZL
71.1
86.9
73.7
1.0
64
1.0
3.5
114
S MAJ 64(C )A
R M
ZM
71.1
1.0
64
1.0
3.9
103
S MAJ 70(C )
R N
ZN
77.8
95.1
86.0
92.1
95.8
78.6
1.0
70
1.0
3.2
125
S MAJ 70(C )A
R P
ZP
77.8
1.0
70
1.0
3.5
113
S MAJ 75(C )
R Q
ZQ
83.3
102
1.0
75
1.0
3.0
134
S MAJ 75(C )A
R R
ZR
83.3
1.0
75
1.0
3.3
121
S MAJ 78(C )
R S
ZS
86.7
106
1.0
78
1.0
2.9
139
S MAJ 78(C )A
R T
ZT
86.7
1.0
78
1.0
3.2
126
S MAJ 85(C )
R U
ZU
94.4
115
104
1.0
85
1.0
2.0
151
S MAJ 85(C )A
R V
ZV
94.4
1.0
85
1.0
2.2
137
S MAJ 90(C )
R W
ZW
100
122
111
1.0
90
1.0
1.9
160
S MAJ 90(C )A
R X
ZX
100
1.0
90
1.0
2.1
146
S MAJ 100(C )
R Y
ZY
111
136
123
1.0
100
1.0
1.7
179
S MAJ 100(C )A
R Z
ZZ
111
1.0
100
1.0
1.9
162
S MAJ 110(C )
V D
V D
122
149
135
1.0
110
1.0
1.5
196
S MAJ 110(C )A
S E
V E
122
1.0
110
1.0
1.7
177
S MAJ 120(C )
S F
V F
133
163
147
1.0
120
1.0
1.4
214
S MAJ 120(C )A
VG
VG
133
1.0
120
1.0
1.6
193
S MAJ 130(C )
S H
V H
144
176
159
1.0
130
1.0
1.3
231
S MAJ 130(C )A
V K
V K
144
1.0
130
1.0
1.4
209
S MAJ 150(C )
S L
V L
167
204
185
1.0
150
1.0
1.1
268
S MAJ 150(C )A
V M
V M
167
1.0
150
1.0
1.2
243
S MAJ 160(C )
S N
V N
178
218
197
1.0
160
1.0
1.0
287
S MAJ 160(C )A
S P
V P
178
1.0
160
1.0
1.2
259
S MAJ 170(C )
S Q
V Q
189
231
209
1.0
170
1.0
0.99
304
S MAJ 170(C )A
S R
V R
189
1.0
170
1.0
1.09
275
S MAJ 188(C )
S T
V T
209
255
1.0
188
1.0
0.9
344
S MAJ 188(C )A
S S
V S
209
231
1.0
188
1.0
0.91
328
Notes : (1) P ulse test: tp =50ms
(2) S urge current waveform per F ig. 3 and derate per F ig. 2
(3) For bi-directional types having V WM of 10 Volts and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANS I/IE E E C 62.35




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3KP5.0GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts 1 2 3 4 Formosa MS
P4SMAJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse 1 2 3 4 Pan Jit International Inc.
P6KEGLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State 1 2 3 4 5 MorePan Jit International Inc.
P6SMBJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse 1 2 3 4 Pan Jit International Inc.
SA50GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power 1 2 3 4 5 MorePan Jit International Inc.
5KPGLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power 1 2 3 DB Lectro Inc
15SMCJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse 1 2 3 4 Pan Jit International Inc.
3KPGLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power 1 2 3 4 5 MorePan Jit International Inc.
SF51GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes 1 2 Rectron Semiconductor
1SMC50AUNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS 5.0 THRU 170 VOLTS 1 2 Central Semiconductor Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl