Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9101C89AKL Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9101C89AKL
Description  PWM Controlled Step-Up DC/DC Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9101C89AKL Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9101C89AKL Datasheet HTML 5Page - Torex Semiconductor XC9101C89AKL Datasheet HTML 6Page - Torex Semiconductor XC9101C89AKL Datasheet HTML 7Page - Torex Semiconductor XC9101C89AKL Datasheet HTML 8Page - Torex Semiconductor XC9101C89AKL Datasheet HTML 9Page - Torex Semiconductor XC9101C89AKL Datasheet HTML 10Page - Torex Semiconductor XC9101C89AKL Datasheet HTML 11Page - Torex Semiconductor XC9101C89AKL Datasheet HTML 12Page - Torex Semiconductor XC9101C89AKL Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
XC9101
Series
395
4
XC9101D09AKR
47μF(OS) +220μF(any)
VSS
FB
CC/GAIN
∼33kΩ
180pF
470pF
RFB1
RFB2
CFB
CLK
8
7
6
5
22μH
1 EXT
Isen
2
3 VIN
4 CE/SS
1μF
SD
220μF
10mΩ
NMOS
150kΩ
0.1μF
NMOS
: XP161A11A1PR
Coil
: 22
µH(CDRH127 SUMIDA)
Resistor
: 10m
Ω for Isen (NPR1 KOA), 33kΩ(trimmer) for CLK, 150kΩ for SS
Capacitors : 180pF(ceramic) for CLK, 470pF(ceramic) for CC/GAIN, 0.1
µF(ceramic) for SS,1µF(ceramic) for Bypass
47
µF(OS)+220µF(any) for CL, 220µF(any) for CIN
SD
: U5FWJ44N (TOSHIBA)
VOUT
: 16V
RFB1
: 560k
RFB2
: 33k
CFB
: 27pF
VOUT
: 20V
RFB1
: 470k
RFB2
: 22k
CFB
: 33pF
04S_01XC9101/9102新規 02.09.12 14:38 ページ 395


Similar Part No. - XC9101C89AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
More results

Similar Description - XC9101C89AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com