Selected language     English  ▼


SMAJ7.0A Datasheet(PDF) 2 Page - Daesan Electronics Corp.

Part No. SMAJ7.0A
Description  POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAESAN [Daesan Electronics Corp.]
Homepage  http://www.diodelink.com
Logo 

   
 2 page
background image
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified. VF=3.5V at IF=25A (uni-directional only)
Device
Breakdown Voltage
Maximum
Maximum
Maximum
Device Type
Marking
V(BR) at IT (1)
Test
Stand-off
Reverse Leakage Peak Pulse Surge
Clamping
Code
(V)
Current
Voltage
at VWM
Current IPPM
Voltage at IPPM
UNI
BI
Max
Min
IT (mA)
VWM (V)
ID (μ
A) (3)
(A)(2)
VC (V)
S MAJ 5.0(C )
AD
WD
6.40
7.82
7.07
10
5.0
800
41.7
9.6
S MAJ 5.0(C )A(5)
AE
WE
6.40
10
5.0
800
43.5
9.2
S MAJ 6.0(C )
AF
WF
6.67
8.15
7.37
10
6.0
800
35.1
11.4
S MAJ 6.0(C )A
AG
WG
6.67
10
6.0
800
38.8
10.3
S MAJ 6.5(C )
AH
WH
7.22
7.22
8.82
10
6.5
500
32.5
12.3
S MAJ 6.5(C )A
AK
WK
7.98
10
6.5
500
35.7
11.2
S MAJ 7.0(C )
AL
WL
7.78
9.51
8.60
10
7.0
200
30.1
13.3
S MAJ 7.0(C )A
AM
WM
7.78
10
7.0
200
33.3
12.0
S MAJ 7.5(C )
AN
WN
8.33
10.2
9.21
1.0
7.5
100
28.0
14.3
S MAJ 7.5(C )A
AP
WP
8.33
1.0
7.5
100
31.0
12.9
S MAJ 8.0(C )
AQ
WQ
8.89
10.9
9.83
1.0
8.0
50
26.7
15.0
S MAJ 8.0(C )A
AR
WR
8.89
1.0
8.0
50
29.4
13.6
S MAJ 8.5(C )
AS
WS
9.44
11.5
10.4
1.0
8.5
10
25.2
15.9
S MAJ 8.5(C )A
AT
WT
9.44
1.0
8.5
10
27.8
14.4
S MAJ 9.0(C )
AU
WU
10.0
12.2
11.1
1.0
9.0
5.0
23.7
16.9
S MAJ 9.0(C )A
AV
WV
10.0
1.0
9.0
5.0
26.0
15.4
S MAJ 10(C )
AW
WW
11.1
13.6
12.3
1.0
10
1.0
21.3
18.8
S MAJ 10(C )A
AX
WX
11.1
1.0
10
1.0
23.5
17.0
S MAJ 11(C )
AY
WY
12.2
14.9
13.5
1.0
11
1.0
19.9
20.1
S MAJ 11(C )A
AZ
WZ
12.2
1.0
11
1.0
22.0
18.2
S MAJ 12(C )
B D
XD
13.3
16.3
14.7
1.0
12
1.0
18.2
22.0
S MAJ 12(C )A
B E
XE
13.3
1.0
12
1.0
20.1
19.9
S MAJ 13(C )
B F
XF
14.4
17.6
15.9
1.0
13
1.0
16.8
23.8
S MAJ 13(C )A
B G
XG
14.4
1.0
13
1.0
18.6
21.5
S MAJ 14(C )
B H
XH
15.6
19.1
17.2
1.0
14
1.0
15.5
25.8
S MAJ 14(C )A
B K
XK
15.6
1.0
14
1.0
17.2
23.2
S MAJ 15(C )
B L
XL
16.7
20.4
18.5
1.0
15
1.0
14.9
26.9
S MAJ 15(C )A
B M
XM
16.7
1.0
15
1.0
16.4
24.4
S MAJ 16(C )
B N
XN
17.8
21.8
19.7
1.0
16
1.0
13.9
28.8
S MAJ 16(C )A
B P
XP
17.8
1.0
16
1.0
15.4
26.0
S MAJ 17(C )
B Q
XQ
18.9
23.1
20.9
1.0
17
1.0
13.1
30.5
S MAJ 17(C )A
B R
XR
18.9
1.0
17
1.0
14.5
27.6
S MAJ 18(C )
B S
XS
20.0
24.4
22.1
1.0
18
1.0
12.4
32.2
S MAJ 18(C )A
B T
XT
20.0
1.0
18
1.0
13.7
29.2
S MAJ 20(C )
B U
XU
22.2
27.1
24.5
1.0
20
1.0
11.2
35.8
S MAJ 20(C )A
B V
XV
22.2
1.0
20
1.0
12.3
32.4
S MAJ 22(C )
B W
XW
24.4
29.8
26.9
1.0
22
1.0
10.2
39.4
S MAJ 22(C )A
B X
XX
24.4
1.0
22
1.0
11.3
35.5
S MAJ 24(C )
B Y
XY
26.7
32.6
29.5
1.0
24
1.0
9.3
43.0
S MAJ 24(C )A
B Z
XZ
26.7
1.0
24
1.0
10.3
38.9
S MAJ 26(C )
C D
Y D
28.9
35.3
31.9
1.0
26
1.0
8.6
46.6
S MAJ 26(C )A
C E
Y E
28.9
1.0
26
1.0
9.5
42.1
S MAJ 28(C )
C F
Y F
31.1
38.0
34.4
1.0
28
1.0
8.0
50.0
S MAJ 28(C )A
C G
Y G
31.1
1.0
28
1.0
8.8
45.4
S MAJ 30(C )
C H
Y H
33.3
40.7
36.8
1.0
30
1.0
7.5
53.5
S MAJ 30(C )A
C K
Y K
33.3
1.0
30
1.0
8.3
48.4
Notes : (1) P ulse test: tp=50ms
(2) S urge current waveform per F ig. 3 and derate per F ig. 2
(3) For bi-directional types having V WM of 10 Volts and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANS I/IE E E C 62.35
(5) For the bidirectional S MAJ 5.0C A, the maximum V(BR ) is 7.25V.




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3KP5.0GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts 1 2 3 4 Formosa MS
P4SMAJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse 1 2 3 4 Pan Jit International Inc.
P6KEGLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State 1 2 3 4 5 MorePan Jit International Inc.
P6SMBJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse 1 2 3 4 Pan Jit International Inc.
SA50GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power 1 2 3 4 5 MorePan Jit International Inc.
5KPGLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power 1 2 3 DB Lectro Inc
15SMCJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse 1 2 3 4 Pan Jit International Inc.
3KPGLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power 1 2 3 4 5 MorePan Jit International Inc.
SF51GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes 1 2 Rectron Semiconductor
1SMC50AUNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS 5.0 THRU 170 VOLTS 1 2 Central Semiconductor Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl