Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ7.5A Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SMAJ7.5A
Description  POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMAJ7.5A Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SMAJ7.5A Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMAJ7.5A Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SMAJ7.5A Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SMAJ7.5A Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMAJ5.0 THRU SMAJ188CA
Features
Mechanical Data
· Plastic package has Underwriters Laboratory
flammability classification 94V-0
· Optimized for LAN protection applications
· Ideal for ESD protection of data lines in accordance with
IEC 1000-4-2 (IEC801-2)
· Ideal for EFT protection of data lines in accordance with
IEC 1000-4-4 (IEC801-4)
· Low profile package with built-in strain relief for surface
mounted applications
· Glass passivated junction
· Low incremental surge resistance, excellent clamping
capability
· 400W peak pulse power capability with a 10/1000μS
waveform, repetition rate(duty cycle) : 0.01% (300W above 78V)
· Very fast response time
· High temperature soldering guaranteed : 250℃/10 seconds
at terminals
Devices For Bidirectional Applications
Maximum Ratings And Electrical Characteristics
· For bi-directional devices, use suffix C or CA (e.g. SMAJ10C, SMAJ10CA).
Electrical characteristics apply in both directions.
· Case : JEDEC DO-214AC(SMA) molded plastic
over passivated chip
· Terminals : Solder plated , solderable per
MIL-STD-750, method 2026
· Polarity : For uni-directional types the band denotes
the cathode, which is positive with respect to the
anode under normal TVS operation
· Mounting Position : Any
· Weight : 0.002 ounce, 0.064 gram
Peak pulse power dissipation with a 10/1000μS waveform (Note 1,2. Fig. 1)
Peak pulse current with a waveform (Note 1)
Typical thermal resistance, junction to lead
Typical thermal resistance, junction to ambient (Note 3)
Peak forward surge current, 8.3mm single half sine-wave unidirectional only (Note 2)
Operating junction and storage temperature range
PPPM
400
Watts
Symbols
Values
Units
30
IPPM
See next table
Amps
40
IFSM
TJ,TSTG
120
-55 to +150
℃/W
℃/W
Amps
(Ratings at 25℃ ambient temperature unless otherwise specified)
Notes:
(1) Non repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2 Rating is 300W above 78V
(2) Mounted on 0.2×0.2"(5.0×5.0mm) copper pads to each terminal
(3) Mounted on minimum recommended pad layout
POWER 400Watts
VOLTAGE 5.0 to 188 Volts
Dimensions in inches and (millimeters)
0.058(1.47)
0.052(1.32)
0.110(2.79)
0.100(2.54)
0.012(0.31)
0.006(0.15)
0.177(4.50)
0.157(3.99)
0.090(2.29)
0.078(1.98)
0.060(1.52)
0.030(0.76)
0.005(0.127)
MAX.
0.208(5.28)
0.194(4.93)
DO-214AC (SMA)
JA
JL


Similar Part No. - SMAJ7.5A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ7.5A JGD-SMAJ7.5A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
SMAJ7.5A YFWDIODE-SMAJ7.5A Datasheet
845Kb / 4P
   Maximum Ratings and Thermal Characteristics
logo
Taiwan Semiconductor Co...
SMAJ7.5A TSC-SMAJ7.5A Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
logo
AiT Semiconductor Inc.
SMAJ7.5A AITSEMI-SMAJ7.5A Datasheet
341Kb / 8P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
Vishay Siliconix
SMAJ7.5A VISHAY-SMAJ7.5A Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
More results

Similar Description - SMAJ7.5A

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0 DAESAN-SMBJ5.0 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
SMCJ5.0 DAESAN-SMCJ5.0 Datasheet
709Kb / 4P
   POWER 1500Watts VOLTAGE 5.0 to 188 Volts
P4KE6.8 DAESAN-P4KE6.8 Datasheet
732Kb / 5P
   POWER 400Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
P4FL5.0A ZSELEC-P4FL5.0A Datasheet
218Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL20A ZSELEC-P4FL20A Datasheet
193Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
DAESAN ELECTRONIC CORP.
SA5.0 DAESAN-SA5.0 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Micro Commercial Compon...
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com