Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9201D39AKL Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC9201D39AKL
Description  PWM Controlled Step-Down DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9201D39AKL Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC9201D39AKL Datasheet HTML 6Page - Torex Semiconductor XC9201D39AKL Datasheet HTML 7Page - Torex Semiconductor XC9201D39AKL Datasheet HTML 8Page - Torex Semiconductor XC9201D39AKL Datasheet HTML 9Page - Torex Semiconductor XC9201D39AKL Datasheet HTML 10Page - Torex Semiconductor XC9201D39AKL Datasheet HTML 11Page - Torex Semiconductor XC9201D39AKL Datasheet HTML 12Page - Torex Semiconductor XC9201D39AKL Datasheet HTML 13Page - Torex Semiconductor XC9201D39AKL Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
XC9201Series
544
5
2.5V
∼3A
47uF(OS)
+220μF(any)
VSS
VOUT
CC/GAIN
∼30kΩ
220kΩ
220pF
39pF
470pF
CLK
8
7
6
5
22μH
1
EXT
Isen
2
3VIN
4
CE/SS
1μF
SD
7.2V
20mΩ
PMOS
240kΩ
390kΩ
0.22μF
47μF
+220μF
12V
∼1.5A
47μF(OS)
+220μF
VSS
FB
CC/GAIN
∼30kΩ
22kΩ
220pF
56pF
470pF
CLK
8
7
6
5
47μH
1
EXT
Isen
2
3VIN
4
CE/SS
XC9201D09AKR
1μF
SD
20V
50mΩ
PMOS
240kΩ
270kΩ
0.47μF
47μF
XC9201D09AKR
PMOS
: XP132A11A1SR(TOREX)
Coil
: 22
µH(CDRH127 SUMIDA)
Resistors
: 20m
Ω for Isen (NPR1 KOWA), 30kΩ(trimmer) for CLK, 240kΩ for SS, 390kΩ for Output Voltage
100k
Ω(trimmer) for Output Voltage
Capacitors : 220pF(ceramic) for CLK, 470pF(ceramic) for CC/GAIN, 0.22
µF(any) for SS, 1µF(ceramic) for Bypass
39pF(ceramic) for FB,47
µF(OS) for CL,47µF (tantalum)+220µF(any) for CIN
SD
: U3FWJ44N(TOSHIBA)
PMOS
: XP132A11A1SR(TOREX)
Coil
: 47
µH(CR105 SUMIDA)
Resistor
: 50m
Ω for Isen (NPR1 KOWA), 30kΩ(trimmer) for CLK, 240kΩ for SS, 270kΩ for Output Voltage
22k
Ω(trimmer) for Output Voltage
Capacitors : 220pF(ceramic) for CLK, 470pF(ceramic) for CC/GAIN, 0.47
µF(any) for SS, 1µF(ceramic) for Bypass
100pF(ceramic) for FB, 47
µF(OS) +220µF(any) for CL, 47µF(tantalum)+220µF(any) for CIN
SD
: U3FWJ44N(TOSHIBA)
05S_1XC9201/9202新規 02.09.12 15:16 ページ 544


Similar Part No. - XC9201D39AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9201DCCAL TOREX-XC9201DCCAL Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCAR TOREX-XC9201DCCAR Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCKL TOREX-XC9201DCCKL Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCKR TOREX-XC9201DCCKR Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
More results

Similar Description - XC9201D39AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_10 Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com