Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT2303-BG Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT2303-BG
Description  Ultra Bright Blue−Green 3mm LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT2303-BG Datasheet(HTML) 1 Page - Marktech Corporate

  MT2303-BG Datasheet HTML 1Page - Marktech Corporate MT2303-BG Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultra Bright Blue−Green 3mm LED
MT2303−BG
Features
High Intensity
Reliable Rugged
Low Current Requirements
IC Compatible
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Unit
Forward Current
IF
20
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
80.00
mW
Operating Temperature
Topr
−25 ~ +85
o
C
Storage Temperature
Tstg
−40 ~ +100
o
C
Soldering Temperature
Tsol
260
o
C
Soldering Time
for 5 sec. max
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=20mA
3.20
4.00
V
Reverse Current
IR
VR=5V
50
µ A
Luminous Intensity
IV
IF=20mA
2000.00
3400.00
mcd
Viewing Angle
2
θ1/2
36
o
deg.
Peak Wavelength
λp
IF=20mA
502
nm
Dominant Wavelength
λd
IF=20mA
505
nm
Spectral Line Half Width
∆λ
IF=20mA
38
nm
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - MT2303-BG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2303-TUG MARKTECH-MT2303-TUG Datasheet
34Kb / 1P
   Marktech 3mm Ultra Bright Y G LEDs
MT2303-UG MARKTECH-MT2303-UG Datasheet
34Kb / 1P
   Marktech 3mm Ultra Bright Y G LEDs
MT2303-UG MARKTECH-MT2303-UG Datasheet
34Kb / 2P
   Marktech 3mm Ultra Bright Y G LEDs
MT2303-UG-A MARKTECH-MT2303-UG-A Datasheet
128Kb / 3P
   Ultra Bright LEDs
More results

Similar Description - MT2303-BG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC307PBG1-30Q-A3 MARKTECH-LC307PBG1-30Q-A3 Datasheet
21Kb / 2P
   InGaN Blue−Green Ultra Bright 3mm LED
LC503TBG1-15G-A MARKTECH-LC503TBG1-15G-A Datasheet
55Kb / 2P
   Ultra Bright Blue−Green 5mm LED
MT2363-BG MARKTECH-MT2363-BG Datasheet
379Kb / 2P
   Ultra Bright Blue−Green 2.9mm LED
LO566TBG4-60H-A1 MARKTECH-LO566TBG4-60H-A1 Datasheet
44Kb / 2P
   Ultra Bright Blue−Green Elliptical LED
LO566PBG4-70H-A MARKTECH-LO566PBG4-70H-A Datasheet
58Kb / 2P
   Ultra Bright Blue−Green Elliptical LED
LC503TBG1-15H-A MARKTECH-LC503TBG1-15H-A Datasheet
55Kb / 2P
   Ultra Bright Blue−Green 5mm LED
LC307PYO1-30Q-A MARKTECH-LC307PYO1-30Q-A Datasheet
52Kb / 2P
   InGaAlP Yellow−Orange Ultra Bright 3mm LED
MT0303-BL MARKTECH-MT0303-BL Datasheet
372Kb / 2P
   Ultra Bright Blue 3mm LED
LP377PBG1-60G MARKTECH-LP377PBG1-60G Datasheet
210Kb / 2P
   P4 InGaN Blue−Green Ultra Bright LED
LP476PBG1-90G MARKTECH-LP476PBG1-90G Datasheet
210Kb / 2P
   Blue−Green Oval P4 Ultra Bright LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com