Electronic Components Datasheet Search |
|
XC9201C99AKL Datasheet(PDF) 7 Page - Torex Semiconductor |
|
XC9201C99AKL Datasheet(HTML) 7 Page - Torex Semiconductor |
7 / 20 page XC9201 Series 541 5 XC9201C50AR VIN = 7.5V unless specified *1 : On resistance = 0.4V / measurement current NOTE1 : EFFI = {[(Output Voltage) x (Output Current)] ÷ [(Input Voltage) x (Input Current)]} x 100 NOTE2 : The capacity range of the condenser used to set the external CLK frequency is 180 ∼ 300pF Ta=25℃ VINmax VOUT VINmin IDD1 ISTB FOSC ΔFOSC ΔVIN・FOSC ΔFOSC ΔTOPR・FOSC MAXDTY MINDTY ILIM IISEN ICEH ICEL VCEH EXT voltage = High VIN=7.5V, CE=VIN=VOUT VIN=20.0V, CE=VIN, VOUT=VSS VIN=7.5V, CE=VOUT=VSS RT=10.0kΩ, CT=220pF VIN=2.5V∼20V TOPR=−40∼+85℃ VIN=7.5V IOUT=300mA VOUT=VSS VOUT=VIN VIN pin voltage - ISEN pin voltage VIN=7.5V, ISEN=7.5V CE=VIN=20.0V, VOUT=0V CE=0V, VIN=20.0V, VOUT=0V Existance of CLK Oscillation, VOUT=0V, CE:Voltage applied Dissapearance of CLK Oscillation, VOUT=0V、CE:Voltage applied VEXT=VIN−0.4V, CE=VOUT=VIN *1 VEXT=0.4V, CE=VIN, VOUT=VSS *1 Connect CSS and RSS, CE : 0V → 7.5V 4.875 20 − 1.0 280 100 90 4.5 −0.1 −0.1 0.6 5.000 − − 1.400 115 130 0.5 330 ±5 ±5 150 7 0 0 5.125 − 2.200 2.0 220 235 2.0 380 0 220 13 0.1 0.1 V V V V μA μA μA kHz % % % % mV μA μA μA V VCEL 0.2 V REXTH 21 29 Ω REXTL 20 27 Ω EFFI 93 % TSS 5 10 20 ms RCCGAIN 400 kΩ q q q t w w w e e e r r y y t t t t r r q q u IDD2 VUVLO MIN. TYP. MAX. PARAMETER Minimum Operating Voltage Maximum Operating Voltage Supply Current 1 Stand-by Current Minimum Duty Cycle Output Voltage CLK Oscillation Frequency Frequency Input Stability Current Limiter Voltage ISEN Current CE "High" Voltage CE "Low" Voltage CE "High" Voltage CE "Low" Voltage EXT "High" ON Resistance EXT "Low" ON Resistance CC/GAIN Pin Output Impedance Efficiency (NOTE1) Soft-start Time Supply Current 2 U.V.L.O. Voltage SYMBOL CONDITIONS UNITS CIRCUITS Frequency Temperature Fluctuation Maximum Duty Cycle 05S_1XC9201/9202新規 02.09.12 15:16 ページ 541 |
Similar Part No. - XC9201C99AKL |
|
Similar Description - XC9201C99AKL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |