Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9201CC9AKL Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9201CC9AKL
Description  PWM Controlled Step-Down DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9201CC9AKL Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9201CC9AKL Datasheet HTML 1Page - Torex Semiconductor XC9201CC9AKL Datasheet HTML 2Page - Torex Semiconductor XC9201CC9AKL Datasheet HTML 3Page - Torex Semiconductor XC9201CC9AKL Datasheet HTML 4Page - Torex Semiconductor XC9201CC9AKL Datasheet HTML 5Page - Torex Semiconductor XC9201CC9AKL Datasheet HTML 6Page - Torex Semiconductor XC9201CC9AKL Datasheet HTML 7Page - Torex Semiconductor XC9201CC9AKL Datasheet HTML 8Page - Torex Semiconductor XC9201CC9AKL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
XC9201
Series
537
5
■Marking
q Represents the product series
SYMBOL
1
PRODUCT NAME
XC9201***AK*
w Represents the product type, DC/DC converter
SYMBOL
C
PRODUCT NAME
D
TYPE
VOUT、CE PIN
FB、CE PIN
e Represents integral number of output voltage,or FB type
SYMBOL
1
PRODUCT NAME
2
VOLTAGE
1. X
2. X
3
3. X
4
4. X
5
5. X
6
6. X
7
7. X
8
8. X
9
9. X
0
FB products
SYMBOL
A
PRODUCT NAME
B
VOLTAGE
10. X
11. X
C
12. X
D
13. X
E
14. X
F
15. X
H
16. X
r Represents decimal number of output voltage
SYMBOL
0
PRODUCT NAME
3
VOLTAGE
X. 0
X. 3
9
FB products
t Represents oscillator frequeney's control type
SYMBOL
A
PRODUCT NAME
XC9201***AK*
TYPE
Adjustable Frequency
MSOP8A
qwe
rty
XC9201C**AK*
XC9201D09AK*
XC9201C1*AK*
XC9201C2*AK*
XC9201C3*AK*
XC9201C4*AK*
XC9201C5*AK*
XC9201C6*AK*
XC9201C7*AK*
XC9201C8*AK*
XC9201C9*AK*
XC9201D09AK*
XC9201CA*AK*
XC9201CB*AK*
XC9201CC*AK*
XC9201CD*AK*
XC9201CE*AK*
XC9201CF*AK*
XC9201CH*AK*
XC9201C*0AK*
XC9201C*3AK*
XC9201D09AK*
05S_1XC9201/9202新規 02.09.12 15:16 ページ 537


Similar Part No. - XC9201CC9AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9201CCCAL TOREX-XC9201CCCAL Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201CCCAR TOREX-XC9201CCCAR Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201CCCKL TOREX-XC9201CCCKL Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201CCCKR TOREX-XC9201CCCKR Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
More results

Similar Description - XC9201CC9AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_10 Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com