Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6219B10ADR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6219B10ADR
Description  High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6219B10ADR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6219B10ADR Datasheet HTML 1Page - Torex Semiconductor XC6219B10ADR Datasheet HTML 2Page - Torex Semiconductor XC6219B10ADR Datasheet HTML 3Page - Torex Semiconductor XC6219B10ADR Datasheet HTML 4Page - Torex Semiconductor XC6219B10ADR Datasheet HTML 5Page - Torex Semiconductor XC6219B10ADR Datasheet HTML 6Page - Torex Semiconductor XC6219B10ADR Datasheet HTML 7Page - Torex Semiconductor XC6219B10ADR Datasheet HTML 8Page - Torex Semiconductor XC6219B10ADR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
5
R000026
XC6219 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
MARKING RULE (Continued)
USP-6B
1 2 Represents product series
MARK
1
2
PRODUCT SERIES
L
XC6219xxxxDx
USP-6B (TOP VIEW)
3 Represents type of regulator
MAKR
TYPE
PRODUCT SERIES
A
High Active, Pull-down resistor built-in (semi-custom)
XC6219AxxxMx
B
High Active, Pull-down resistor built-in (semi-custom)
XC6219BxxxMx
C
Low Active, Pull-up resistor built-in (semi-custom)
XC6219CxxxMx
D
Low Active, Pull-up resistor built-in (semi-custom)
XC6219DxxxMx
4 Represents product series
MARK
VOLTAGE
PRODUCT SERIES
3
3.X
XC6219x3xxDx
5
5.X
XC6219x5xxDx
3 Represents output voltage
MARK
VOLTAGE
PRODUCT SERIES
MARK
VOLTAGE
PRODUCT SERIES
0
X.0
XC6219xx0xDx
A
X.05
XC6219xx0ADx
1
X.1
XC6219xx1xDx
B
X.15
XC6219xx1ADx
2
X.2
XC6219xx2xDx
C
X.25
XC6219xx2ADx
3
X.3
XC6219xx3xDx
D
X.35
XC6219xx3ADx
4
X.4
XC6219xx4xDx
E
X.45
XC6219xx4ADx
5
X.5
XC6219xx5xDx
F
X.55
XC6219xx5ADx
6
X.6
XC6219xx6xDx
H
X.65
XC6219xx6ADx
7
X.7
XC6219xx7xDx
K
X.75
XC6219xx7ADx
8
X.8
XC6219xx8xDx
L
X.85
XC6219xx8ADx
9
X.9
XC6219xx9xDx
M
X.95
XC6219xx9ADx
4 Represents production lot number
0 to 9, A to Z repeated. (G, I, J, O, Q, W excepted)
* No character inversion used.
6
5
4
1
2
3


Similar Part No. - XC6219B10ADR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
XC6219B122MR TECHPUBLIC-XC6219B122MR Datasheet
1Mb / 5P
   300mA Higt PSRR Voltage Reaulatoil
XC6219B122MR TECHPUBLIC-XC6219B122MR Datasheet
1Mb / 5P
   300mA Higt PSRR Voltage Reaulatoil
XC6219B152MR TECHPUBLIC-XC6219B152MR Datasheet
1Mb / 5P
   300mA Higt PSRR Voltage Reaulatoil
XC6219B152MR TECHPUBLIC-XC6219B152MR Datasheet
1Mb / 5P
   300mA Higt PSRR Voltage Reaulatoil
XC6219B182MR TECHPUBLIC-XC6219B182MR Datasheet
1Mb / 5P
   300mA Higt PSRR Voltage Reaulatoil
More results

Similar Description - XC6219B10ADR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com