Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10P55A3P Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MDT10P55A3P
Description  8-bit micro-controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MDT10P55A3P Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MDT10P55A3P Datasheet HTML 3Page - List of Unclassifed Manufacturers MDT10P55A3P Datasheet HTML 4Page - List of Unclassifed Manufacturers MDT10P55A3P Datasheet HTML 5Page - List of Unclassifed Manufacturers MDT10P55A3P Datasheet HTML 6Page - List of Unclassifed Manufacturers MDT10P55A3P Datasheet HTML 7Page - List of Unclassifed Manufacturers MDT10P55A3P Datasheet HTML 8Page - List of Unclassifed Manufacturers MDT10P55A3P Datasheet HTML 9Page - List of Unclassifed Manufacturers MDT10P55A3P Datasheet HTML 10Page - List of Unclassifed Manufacturers MDT10P55A3P Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MDT10P55
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 10
2003/5 Ver. 1.2
2. Input Voltage (Vdd = 5V) :
Port
Min
Max
TTL
Vss
1.5V
Vil
Schmitt trigger
Vss
0.8V
TTL
2.5V
Vdd
Vih
Schmitt trigger
3.8V
Vdd
These parameters are for reference only.
3. Output Voltage (Vdd = 5V) :
PA,PB
Condition
Voh
3.4V
Ioh =-20mA
Vol
0.8V
Iol =+20mA
Voh
4.3V
Ioh = -5mA
Vol
0.6V
Iol = +5mA
These parameters are for reference only.
4. Output Current (Max.) (Vdd = 5V) :
Port A:
Current
Source current
25mA
Sink current
25mA
These parameters are for reference only.
Port B:
Current
Source current
25mA
sink current
25mA
These parameters are for reference only.
5. The basic WDT time-out cycle time :
Time
2.5V
25ms
3.0V
23ms
4.0V
20ms
5.0V
19ms
6.3V
18ms
These parameters are for reference only.


Similar Part No. - MDT10P55A3P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT10P55A ETC1-MDT10P55A Datasheet
94Kb / 11P
   8-bit micro-controller
More results

Similar Description - MDT10P55A3P

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com