Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2420 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # C2420
Description  Wide Frequency range Mechanical control EFC Standard Standard Surface Mount Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C2420 Datasheet(HTML) 5 Page - Vectron International, Inc

  C2420 Datasheet HTML 1Page - Vectron International, Inc C2420 Datasheet HTML 2Page - Vectron International, Inc C2420 Datasheet HTML 3Page - Vectron International, Inc C2420 Datasheet HTML 4Page - Vectron International, Inc C2420 Datasheet HTML 5Page - Vectron International, Inc C2420 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
C2420
Vectron International · www.vectron.com
v.2005-12-15 · page 5 of 6
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 Workshop, No 308 Fenju
Road, WaiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
Standard Shipping Method
*bei W
mm nur untere 
Lochreihe
by W  24 mm only lower hole line
Gurtoberseite
Tape upper side
Gurtunterseite
Tape buttom side
Abwickelrichtung
Unwinding direction
Lage im Gurt
Position in tape
Pin 1
A
X
P
B
K
Production tolerance complying DIN IEC 286-3
Enclosure Type
Tape width
W [mm]
Quantity
per meter
Quantity
per reel
Dimension
P
G200
32
50
380
20
Recommended Reflow Profile


Similar Part No. - C2420

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2420 VECTRON-C2420 Datasheet
108Kb / 6P
   PCS Base Stations
logo
General Cable Technolog...
C2420A GENERAL-C2420A Datasheet
59Kb / 1P
   COMMUNICATION & CONTROL CABLE
logo
Vectron International, ...
C2420 VECTRON-C2420_06 Datasheet
108Kb / 6P
   PCS Base Stations
More results

Similar Description - C2420

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2530 VECTRON-C2530 Datasheet
248Kb / 5P
   Wide Frequency range EFC Standard Standard Surface Mount Package Meets Stratum 3
C2400 VECTRON-C2400 Datasheet
211Kb / 6P
   TCXO EFC Standard Hermetic Wide Frequency Range
C2410 VECTRON-C2410 Datasheet
206Kb / 5P
   TCXO EFC Standard Non hermetic Wide Frequency Range
C2310 VECTRON-C2310 Datasheet
274Kb / 5P
   TCXO EFC Standard Standard Surface Mount Package Low Phase Noise option Low Profile
C2310 VECTRON-C2310_07 Datasheet
157Kb / 6P
   Standard Surface Mount Package
C4600 VECTRON-C4600_06 Datasheet
63Kb / 4P
   Electronic Frequency Control Input (EFC)
logo
MTRONPTI
XO7010 MTRONPTI-XO7010 Datasheet
71Kb / 1P
   High Frequency Fundamental Wide Pulling Range Standard 14 Pin DIP/DIL
logo
List of Unclassifed Man...
VF594 ETC1-VF594 Datasheet
76Kb / 1P
   Wide Frequency Range, Very Low Phase Jitter, Wide Pullability, Standard Footprint, Wide Operating Temperature, EMI Shielded
logo
CTS Corporation
405I35D24M00000 CTS-405I35D24M00000 Datasheet
125Kb / 3P
   Standard 5.0mm x 3.2mm Ceramic Surface Mount Package
logo
MMD Components
MAP2 MMD-MAP2 Datasheet
114Kb / 2P
   Wide Frequency Range
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com