Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10P55A4S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MDT10P55A4S
Description  8-bit micro-controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MDT10P55A4S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MDT10P55A4S Datasheet HTML 2Page - List of Unclassifed Manufacturers MDT10P55A4S Datasheet HTML 3Page - List of Unclassifed Manufacturers MDT10P55A4S Datasheet HTML 4Page - List of Unclassifed Manufacturers MDT10P55A4S Datasheet HTML 5Page - List of Unclassifed Manufacturers MDT10P55A4S Datasheet HTML 6Page - List of Unclassifed Manufacturers MDT10P55A4S Datasheet HTML 7Page - List of Unclassifed Manufacturers MDT10P55A4S Datasheet HTML 8Page - List of Unclassifed Manufacturers MDT10P55A4S Datasheet HTML 9Page - List of Unclassifed Manufacturers MDT10P55A4S Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MDT10P55
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 6
2003/5 Ver. 1.2
(B) Program Memory
Address
Description
000-3FF
Program memory
000
The starting address of power on, external reset or WDT time-out reset.
8. Reset Condition for all Registers
Register
Address
Power-On Reset
/MCLR Reset
WDT Reset
IAR
00h
xxxx xxxx
uuuu uuuu
uuuu uuuu
RTCC
01h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PC
02h
0000 0000
0000 0000
0000 0000
STATUS
03h
0001 1xxx
#00# #uuu
#00# #uuu
MSR
04h
110x xxxx
110u uuuu
11uu uuuu
PORT B
06h
--xx xxxx
--uu uuuu
--uu uuuu
PORT C
07h
--xx xxxx
--uu uuuu
--uu uuuu
Note : u
=unchanged, x=unknown, - =unimplemented, read as “0”
#
=value depends on the condition of the following table
Condition
Status: bit 7
Status: bit 4
Status: bit 3
/MCLR reset (not during SLEEP)
0
u
u
/MCLR reset during SLEEP
0
1
0
WDT reset (not during SLEEP)
0
0
1
WDT reset during SLEEP
0
0
0
Wake-up from SLEEP on pin change
1
1
0
9. Instruction Set :
Instruction Code
Mnemonic
Operands
Function
Operating
Status
010000 00000000
NOP
No operation
None
010000 00000001
CLRWT
Clear Watchdog timer
0
→WT
TF, PF
010000 00000010
SLEEP
Sleep mode
0
→WT, stop OSC
TF, PF
010000 00000011
TMODE
Load W to TMODE register
W
→TMODE
None
010000 00000100
RET
Return
Stack
→PC
None
010000 00000rrr
CPIO
R
Control I/O port register
W
→CPIO r
None


Similar Part No. - MDT10P55A4S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT10P55A ETC1-MDT10P55A Datasheet
94Kb / 11P
   8-bit micro-controller
More results

Similar Description - MDT10P55A4S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com