Electronic Components Datasheet Search |
|
XC6219A50ADR Datasheet(PDF) 7 Page - Torex Semiconductor |
|
XC6219A50ADR Datasheet(HTML) 7 Page - Torex Semiconductor |
7 / 18 page Data Sheet 7 R000026 XC6219 Series High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch ELECTRICAL CHARACTERISTICS XC6219B series Ta=25OC PARAMETER SYMBOL CONDITIONS MAX. TYP. MIN. UNITS CIRCUIT Output Voltage VOUT(E) IOUT=30mA x 0.98 VOUT(T) x 1.02 V 1 Maximum Output Current IOUTMAX 150 - - mA 1 Load Regulation VOUT 1mA<IOUT<100mA - 15 50 mV 1 Vdif1 IOUT=30mA E-1 mV Dropout Voltage Vdif2 IOUT=100mA E-2 mV 1 Supply Current IDD VCE=VIN - 25 50 µA 2 Standby Current Istby VCE=VSS - 0.01 0.10 µA 2 VOUT/ VOUT(T)+1.0V<VIN<7.0V Line Regulation VIN VOUT IOUT=30mA - 0.01 0.20 %/V 1 Input Voltage VIN 2.0 6.0 V - Output Voltage Temperature VOUT/ IOUT=30mA Characteristics Topr VOUT -40OC<Topr<85OC - 100 - ppm/OC 1 Ripple Rejection Rate PSRR IOUT=50mA, f=10kHz - 65 - dB 4 Current Limiter Ilim - 300 - mA 1 Short Circuit Current Ishort - 50 - mA 1 EN ‘High’ Voltage VCEH 1.60 VIN V 1 EN ‘Low’ Voltage VCEL 0.25 V 2 EN ‘High’ Current ICEH VCE=VIN -0.10 0.10 µA 2 EN ‘Low’ Current ICEL VCE=VSS -0.10 0.10 µA 2 NOTE: *1: VOUT(T) = Specified output voltage *2: VOUT(E) = Effective output voltage (I.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value.) 3: Vdif={VIN1(*5)-VOUT1(*4) } *4: VOUT=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *5: VIN=The Input Voltage when VOUT appears as Input Voltage is gradually decreased. *6: Unless otherwise stated, VIN=VOUT(T)+1.0V. DROPOUT VOLTAGE CHART E-1 E-2 SYMBOL Vdif1 Vdif2 PARAMETER OUTPUT VOLTAGE MIN. TYP. MAX. MIN. TYP. MAX. 0.9 1100 1100 1110 1100 1150 1200 1.50 500 500 510 500 550 600 1.80 ~ 1.85 200 200 210 200 300 400 1.90 ~ 1.95 100 120 150 100 280 380 2.00 ~ 2.05 - 80 120 - 240 350 2.10 ~ 2.25 - 80 120 - 240 330 2.30 ~ 2.45 - 80 120 - 240 310 2.50 ~ 2.75 - 70 100 - 220 290 2.80 ~ 2.95 - 70 100 - 220 270 3.00 ~ 3.05 - 60 90 - 200 270 3.10 ~ 3.95 - 60 90 - 200 250 4.00 ~ 4.95 - 60 80 - 180 230 5.00 - 50 70 - 160 210 * The input voltage 2.0V (MIN) is needed to operate the series. When the output voltage is less than 2.0V, 2.0V-VOUT(T) of dropout voltage is needed at minimum. |
Similar Part No. - XC6219A50ADR |
|
Similar Description - XC6219A50ADR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |