Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6219A102ML Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6219A102ML
Description  High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6219A102ML Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6219A102ML Datasheet HTML 1Page - Torex Semiconductor XC6219A102ML Datasheet HTML 2Page - Torex Semiconductor XC6219A102ML Datasheet HTML 3Page - Torex Semiconductor XC6219A102ML Datasheet HTML 4Page - Torex Semiconductor XC6219A102ML Datasheet HTML 5Page - Torex Semiconductor XC6219A102ML Datasheet HTML 6Page - Torex Semiconductor XC6219A102ML Datasheet HTML 7Page - Torex Semiconductor XC6219A102ML Datasheet HTML 8Page - Torex Semiconductor XC6219A102ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Data Sheet
2
R000026
XC6219 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
PIN CONFIGURATION
*Please use the circuit without connecting to the heat dissipation pad.
If the pad needs to be connected to other pins, it should be
noted that the pin configuration of the USP-6B package is
different depending on the IC series.
SOT-25 (SOT-23-5)
SOT-89-5
USP-6B
(TOP VIEW)
(TOP VIEW)
(BOTTOM VIEW)
PIN ASSIGNMENT
PIN NUMBER
SOT-25
SOT-89-5
USP-6B
PIN NAME
FUNCTIONS
1
4
1
VIN
Power Input
2
2
5
VSS
Ground
3
3
6
CE
ON / OFF Control
4
1
2, 4
NC
No Connection
5
5
3
VOUT
Output
PRODUCT CLASSIFICATION
Selection Guide
The following options for the CE pin logic and internal pull-up/down are available:
High Active + no pull-down resistor built-in (standard)
High Active + 2.0M
Ω pull-down resistor built-in <between CE-VSS> (semi-custom)
Low Active + no pull-up resistor built-in (semi-custom)
Low Active + 2.0M
Ω pull-up resistor built-in <between VIN-CE> (semi-custom)
Note: *With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by VIN / 2.0M
Ω (TYP.)
Ordering Information
XC6219
123456
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
: High Active (ull-down resistor built in)
B
: High Active (no pull-down resistor built in)
C
: Low Active (pull-up resistor built in)
1
CE Pin Logic
D
: Low Active (no pull-up resistor built in)
2 3
Output Voltage
09 ~ 50
: e.g.
2=3, 3=0,
3.0V
Output Voltage, 100mV increments,
+2% accuracy
2
: e.g.
2=2, 3=8, 4=2
2.80V, +2%
4
Output Voltage, 50mV increments,
+2% accuracy
A
: e.g.
2=2, 3=8, 4=A
2.85V, +2%
M
: SOT-25 (SOT-23-5)
P
: SOT-89-5
5
Packages
D
: USP-6B
R
: Embossed tape, Standard feed
6
Taping Direction
L
: Embossed tape, Reverse feed
VOUT
5
VSS
2
VIN
4
1
NC
2
VSS
3
CE
6
5
4
1
2
3
VIN
NC
VOUT
CE
VSS
NC
4
2
5
13
CE
(NC)
VIN
VSS
VOUT


Similar Part No. - XC6219A102ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219A091DL TOREX-XC6219A091DL Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219A091DR TOREX-XC6219A091DR Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219A091ML TOREX-XC6219A091ML Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219A091MR TOREX-XC6219A091MR Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219A091PL TOREX-XC6219A091PL Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
More results

Similar Description - XC6219A102ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com