Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML61C502PR Datasheet(PDF) 10 Page - Minilogic Device Corporation Limited

Part # ML61C502PR
Description  Series Positive Voltage Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML61C502PR Datasheet(HTML) 10 Page - Minilogic Device Corporation Limited

Back Button ML61C502PR Datasheet HTML 6Page - Minilogic Device Corporation Limited ML61C502PR Datasheet HTML 7Page - Minilogic Device Corporation Limited ML61C502PR Datasheet HTML 8Page - Minilogic Device Corporation Limited ML61C502PR Datasheet HTML 9Page - Minilogic Device Corporation Limited ML61C502PR Datasheet HTML 10Page - Minilogic Device Corporation Limited ML61C502PR Datasheet HTML 11Page - Minilogic Device Corporation Limited ML61C502PR Datasheet HTML 12Page - Minilogic Device Corporation Limited ML61C502PR Datasheet HTML 13Page - Minilogic Device Corporation Limited ML61C502PR Datasheet HTML 14Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ML61
Packaging Information
Recommended Pattern Layout
0.4
-0.1
-0.05
(0.95)
1.9
± 0.2
2.9
± 0.2
1.1
± 0.1
0 ~ 0.1
(0.8)
0.15
-0.1
-0.05
1.5
± 0.1
1.5
± 0.1
0.49
± 0.06
0.42
± 0.06
0.42
± 0.06
1.72
± 0.1
4.5
± 0.1
0.4
± 0.04
1.5
± 0.1
SOT-89 :
SOT-23 :
1.27
1.27
∅5.2 max
TO-92 :
Units : mm
SOT-89
SOT-23 :
1.6
1.0
1. 0
45º
45º
2.2
P10/14
1.0
2.4


Similar Part No. - ML61C502PR

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6101 MINILOGIC-ML6101 Datasheet
389Kb / 11P
   Voltage Monitor
logo
Mitsubishi Electric Sem...
ML6101A MITSUBISHI-ML6101A Datasheet
273Kb / 8P
   AIGaAs Laser Diodes emitting light beams around 780nm wavelength
logo
Minilogic Device Corpor...
ML6101X113XX MINILOGIC-ML6101X113XX Datasheet
389Kb / 11P
   Voltage Monitor
ML6101X123XX MINILOGIC-ML6101X123XX Datasheet
389Kb / 11P
   Voltage Monitor
ML6101X133XX MINILOGIC-ML6101X133XX Datasheet
389Kb / 11P
   Voltage Monitor
More results

Similar Description - ML61C502PR

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC61 FS-FC61 Datasheet
460Kb / 13P
   Positive Voltage Detector
logo
Minilogic Device Corpor...
ML6102 MINILOGIC-ML6102 Datasheet
389Kb / 11P
   Positive Voltage Detector (Inverted Output)
logo
List of Unclassifed Man...
ML6102 ETC1-ML6102 Datasheet
383Kb / 11P
   ML6102 Series Positive Voltage Detector (Inverted Output)
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com