Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6219D122ML Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6219D122ML
Description  High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6219D122ML Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6219D122ML Datasheet HTML 7Page - Torex Semiconductor XC6219D122ML Datasheet HTML 8Page - Torex Semiconductor XC6219D122ML Datasheet HTML 9Page - Torex Semiconductor XC6219D122ML Datasheet HTML 10Page - Torex Semiconductor XC6219D122ML Datasheet HTML 11Page - Torex Semiconductor XC6219D122ML Datasheet HTML 12Page - Torex Semiconductor XC6219D122ML Datasheet HTML 13Page - Torex Semiconductor XC6219D122ML Datasheet HTML 14Page - Torex Semiconductor XC6219D122ML Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet
11
R000026
XC6219 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
ELECTRICAL CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Voltage
1.65
1.70
1.75
1.80
1.85
1.90
3.0
4.0
5.0
6.0
Input Voltage VIN (V)
XC6219x182
Topr=25OC
CIN=1uF (ceramics), CL=1uF (ceramics)
IOUT=0mA
1mA
30mA
2.35
2.40
2.45
2.50
2.55
2.60
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage VIN (V)
XC6219x252
Topr=25OC
CIN=1uF (ceramics), CL=1uF (ceramics)
IOUT=0mA
1mA
30mA
2.85
2.90
2.95
3.00
3.05
3.10
4.0
4.5
5.0
5.5
6.0
Input Voltage VIN (V)
XC6219x302
Topr=25OC
CIN=1uF (ceramics), CL=1uF (ceramics)
IOUT=0mA
1mA
30mA
1.0
1.2
1.4
1.6
1.8
2.0
1.3
1.8
2.3
Input Voltage VIN (V)
XC6219x182
Topr=25OC
CIN=1uF (ceramics), CL=1uF (ceramics)
IOUT=0mA
1mA
30mA
100mA
1.7
1.9
2.1
2.3
2.5
2.7
22.5
3
Input Voltage VIN (V)
XC6219x252
Topr=25OC
CIN=1uF (ceramics), CL=1uF (ceramics)
IOUT=0mA
1mA
30mA
100mA
2.2
2.4
2.6
2.8
3.0
3.2
2.5
3
3.5
Input Voltage VIN (V)
XC6219x302
Topr=25OC
CIN=1uF (ceramics), CL=1uF (ceramics)
IOUT=0mA
1mA
30mA
100mA


Similar Part No. - XC6219D122ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219D091DL TOREX-XC6219D091DL Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219D091DR TOREX-XC6219D091DR Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219D091ML TOREX-XC6219D091ML Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219D091MR TOREX-XC6219D091MR Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219D091PL TOREX-XC6219D091PL Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
More results

Similar Description - XC6219D122ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com