Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML62502MB Datasheet(PDF) 8 Page - Minilogic Device Corporation Limited

Part # ML62502MB
Description  Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML62502MB Datasheet(HTML) 8 Page - Minilogic Device Corporation Limited

Back Button ML62502MB Datasheet HTML 4Page - Minilogic Device Corporation Limited ML62502MB Datasheet HTML 5Page - Minilogic Device Corporation Limited ML62502MB Datasheet HTML 6Page - Minilogic Device Corporation Limited ML62502MB Datasheet HTML 7Page - Minilogic Device Corporation Limited ML62502MB Datasheet HTML 8Page - Minilogic Device Corporation Limited ML62502MB Datasheet HTML 9Page - Minilogic Device Corporation Limited ML62502MB Datasheet HTML 10Page - Minilogic Device Corporation Limited ML62502MB Datasheet HTML 11Page - Minilogic Device Corporation Limited ML62502MB Datasheet HTML 12Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Page 8
v Ordering Information
v Marking
Designator
Description
Output Voltage
eg.
30=3.0V
a
50=5.0V
b
Output Voltage Accuracy
2 = + 2.0%
c
Package Type
M = SOT-23
P = SOT-89
T = TO-92
d
Device Orientation
R = Embossed Tape
(Orientation of Device : Right)
L = Embossed Tape
(Orientation of Device : Left)
B = Bag (TO-92)
H = Paper Tape (TO-92)
SOT-23 :
Designator
Description
1
Type
R = Positive Voltage Regulator
2,3
Output Voltage
eg. 30 = 3.0V
4
Internal Code
SOT-89 :
Designator
Description
1
Type
R = Positive Voltage Regulator
2,3
Output Voltage
eg. 30 = 3.0V
4
Output Voltage Accuracy
2 = + 2.0%
5
Internal Code
TO-92 :
Designator
Description
1
Type
R = Positive Voltage Regulator
2,3
Output Voltage
eg. 30 = 3.0V
4
Output Voltage Accuracy
2 = + 2.0%
5
Internal code
6, 7
Year Code
eg. 00 = Year 2000
8, 9
Week Code
eg. 10 = Week 10


Similar Part No. - ML62502MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML62502MB ETC-ML62502MB Datasheet
637Kb / 14P
   ML62 Series Positive Voltage Regulator
More results

Similar Description - ML62502MB

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com