Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML62202 Datasheet(PDF) 6 Page - Minilogic Device Corporation Limited

Part # ML62202
Description  Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML62202 Datasheet(HTML) 6 Page - Minilogic Device Corporation Limited

Back Button ML62202 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML62202 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML62202 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML62202 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML62202 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML62202 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML62202 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML62202 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML62202 Datasheet HTML 10Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Page 6
v Electrical Characteristics by Output Voltage
Conditions
MIN.
TYP. MAX.
Conditions
MIN.
Conditions
TYP. MAX.
Conditions
TYP. MAX.
ML62202
1.960
2.000
2.040
ML62212
2.058
2.100
2.142
ML62222
2.156
2.200
2.244
ML62232
2.254
2.300
2.346
ML62242
2.352
2.400
2.448
ML62252
2.450
2.500
2.550
ML62262
2.548
2.600
2.652
ML62272
2.646
2.700
2.754
ML62282
2.744
2.800
2.856
ML62292
2.842
2.900
2.958
ML62302
2.940
3.000
3.060
ML62312
3.038
3.100
3.162
ML62322
3.136
3.200
3.264
ML62332
3.234
3.300
3.366
ML62342
3.332
3.400
3.468
ML62352
3.430
3.500
3.570
ML62362
3.528
3.600
3.672
ML62372
3.626
3.700
3.774
ML62382
3.724
3.800
3.876
ML62392
3.822
3.900
3.978
ML62402
3.920
4.000
4.080
ML62412
4.018
4.100
4.182
ML62422
4.116
4.200
4.284
ML62432
4.214
4.300
4.386
ML62442
4.312
4.400
4.488
ML62452
4.410
4.500
4.590
ML62462
4.508
4.600
4.692
ML62472
4.606
4.700
4.794
ML62482
4.704
4.800
4.896
ML62492
4.802
4.900
4.998
ML62502
4.900
5.000
5.100
ML62512
4.998
5.100
5.202
ML62522
5.096
5.200
5.304
ML62532
5.194
5.300
5.406
ML62542
5.292
5.400
5.508
ML62552
5.390
5.500
5.610
ML62562
5.488
5.600
5.712
ML62572
5.586
5.700
5.814
ML62582
5.684
5.800
5.916
ML62592
5.782
5.900
6.018
ML62602
5.880
6.000
6.120
Part Number
IOUT=40mA
VIN=VOUT(T)+1V
Output voltage
VOUT(V)
90
VIN=VOUT(T)+1V
VOUT(E)>
VOUT(T)*0.9
150
200
250
90
VIN=VOUT+1V
1mA<IOUT<100mA
40
80
VIN= VOUT(T)+1V
1mA<IOUT<80mA
I-O Voltage Differential
Vdif1(mV)
100
Max Output Current
IOUT max(mA)
Load Stability
∆ V
OUT(mV)
VIN=VOUT(T)+1V
1mA<IOUT<60mA
45
IOUT=60mA
45
90
VIN=VOUT(T)+1V
1mA<IOUT<100mA
45
180
450
IOUT=80mA
180
450
170
400
IOUT=100mA
120
400
IOUT=90mA


Similar Part No. - ML62202

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML62202 MINILOGIC-ML62202 Datasheet
367Kb / 12P
   Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
More results

Similar Description - ML62202

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com