Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML61C503TB Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML61C503TB
Description  Series Positive Voltage Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML61C503TB Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML61C503TB Datasheet HTML 1Page - Minilogic Device Corporation Limited ML61C503TB Datasheet HTML 2Page - Minilogic Device Corporation Limited ML61C503TB Datasheet HTML 3Page - Minilogic Device Corporation Limited ML61C503TB Datasheet HTML 4Page - Minilogic Device Corporation Limited ML61C503TB Datasheet HTML 5Page - Minilogic Device Corporation Limited ML61C503TB Datasheet HTML 6Page - Minilogic Device Corporation Limited ML61C503TB Datasheet HTML 7Page - Minilogic Device Corporation Limited ML61C503TB Datasheet HTML 8Page - Minilogic Device Corporation Limited ML61C503TB Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ML61
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max Units
VDF = 1.1V to 1.9V
X0.97
VDF
X1.03
V
Detect Voltage
VDF
VDF = 2.0V to 6.0V
X0.98
VDF
X1.02
V
Hysteresis Range
VHYS
X0.02 VDF X0.05 X0.07
V
VIN = 1.0V
0.8
2.0
VIN = 2.0V
1.0
2.5
VIN = 3.0V
1.3
3.0
VIN = 4.0V
1.6
3.5
Supply Current
ISS
VIN = 5.0V
2.0
4.0
uA
Operating Voltage
VIN
VDF = 1.1~6.0V
0.8
10.0
V
Nch
VDS = 0.5V
VIN = 1.0V
1.0
VIN = 2.0V
3.0
VIN = 3.0V
5.0
VIN = 4.0V
11.0
VIN = 5.0V
13.0
Pch
VDS = 2.1V
VIN = 8.0V
-10.0
Output Current
IOUT
(CMOS Output)
mA
Transient Delay Time
(VDR -> VOUT Inversion)
tDLY
While VIN changes from
0.6V to 10V
0.2
ms
P2/14


Similar Part No. - ML61C503TB

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6101 MINILOGIC-ML6101 Datasheet
389Kb / 11P
   Voltage Monitor
logo
Mitsubishi Electric Sem...
ML6101A MITSUBISHI-ML6101A Datasheet
273Kb / 8P
   AIGaAs Laser Diodes emitting light beams around 780nm wavelength
logo
Minilogic Device Corpor...
ML6101X113XX MINILOGIC-ML6101X113XX Datasheet
389Kb / 11P
   Voltage Monitor
ML6101X123XX MINILOGIC-ML6101X123XX Datasheet
389Kb / 11P
   Voltage Monitor
ML6101X133XX MINILOGIC-ML6101X133XX Datasheet
389Kb / 11P
   Voltage Monitor
More results

Similar Description - ML61C503TB

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC61 FS-FC61 Datasheet
460Kb / 13P
   Positive Voltage Detector
logo
Minilogic Device Corpor...
ML6102 MINILOGIC-ML6102 Datasheet
389Kb / 11P
   Positive Voltage Detector (Inverted Output)
logo
List of Unclassifed Man...
ML6102 ETC1-ML6102 Datasheet
383Kb / 11P
   ML6102 Series Positive Voltage Detector (Inverted Output)
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com