Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCFS1008C9E Datasheet(PDF) 1 Page - Weida Semiconductor, Inc.

Part # WCFS1008C9E
Description  128K x 8 Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCFS1008C9E Datasheet(HTML) 1 Page - Weida Semiconductor, Inc.

  WCFS1008C9E Datasheet HTML 1Page - Weida Semiconductor, Inc. WCFS1008C9E Datasheet HTML 2Page - Weida Semiconductor, Inc. WCFS1008C9E Datasheet HTML 3Page - Weida Semiconductor, Inc. WCFS1008C9E Datasheet HTML 4Page - Weida Semiconductor, Inc. WCFS1008C9E Datasheet HTML 5Page - Weida Semiconductor, Inc. WCFS1008C9E Datasheet HTML 6Page - Weida Semiconductor, Inc. WCFS1008C9E Datasheet HTML 7Page - Weida Semiconductor, Inc. WCFS1008C9E Datasheet HTML 8Page - Weida Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
128K x 8 Static RAM
WCFS1008C3E
WCFS1008C9E
Revised April 12, 2002
S1008C3E
1008C9E
Features
•High speed
—tAA = 15 ns
• 2.0V Data Retention
• Automatic power-down when deselected
• TTL-compatible inputs and outputs
• Easy memory expansion with CE1, CE2, and OE options
Functional Description
The WCF1008C3E and WCFS1008C9E are high-perfor-
mance CMOS static RAM organized as 131,072 words by 8
bits. Easy memory expansion is provided by an active LOW
Chip Enable (CE1), an active HIGH Chip Enable (CE2), an
active LOW Output Enable (OE), and three-state drivers. Writ-
ing to the device is accomplished by taking Chip Enable One
(CE1) and Write Enable (WE) inputs LOW and Chip Enable
Two (CE2) input HIGH. Data on the eight I/O pins (I/O0 through
I/O7) is then written into the location specified on the address
pins (A0 through A16).
Reading from the device is accomplished by taking Chip En-
able One (CE1) and Output Enable (OE) LOW while forcing
Write Enable (WE) and Chip Enable Two (CE2) HIGH. Under
these conditions, the contents of the memory location speci-
fied by the address pins will appear on the I/O pins.
The eight input/output pins (I/O0 through I/O7) are placed in a
high-impedance state when the device is deselected (CE1
HIGH or CE2 LOW), the outputs are disabled (OE HIGH), or
during a write operation (CE1 LOW, CE2 HIGH, and WE LOW).
The WCFS1008C3E is available in standard 300-mil-wide
SOJ. The WCFS1008C9E is available in standard 400-mil-
wide SOJ. The WCFS1008C3E and WCFS1008C9E are func-
tionally equivalent in all other respects.
.
Logic Block Diagram
Pin Configurations
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O0
CE2
I/O1
I/O2
I/O3
512 x256 x8
ARRAY
I/O7
I/O6
I/O5
I/O4
A0
CE1
1
2
3
4
5
6
7
8
9
10
11
14
19
20
24
23
22
21
25
28
27
26
Top View
SOJ
12
13
29
32
31
30
16
15
17
18
GND
A16
A14
A12
A7
A6
A5
A4
A3
WE
VCC
A15
A13
A8
A9
I/O7
I/O6
I/O5
I/O4
A2
NC
I/O0
I/O1
I/O2
CE1
OE
A10
I/O3
A1
A0
A11
CE2
Selection Guide
WCFS1008C3E WCFS1008C9E 15ns
Maximum Access Time (ns)
15
Maximum Operating Current (mA)
80
Maximum CMOS Standby Current (mA)
10


Similar Part No. - WCFS1008C9E

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCFS1008V1C WEIDA-WCFS1008V1C Datasheet
178Kb / 8P
   128K x 8 Static RAM
WCFS1008V1C-JC12 WEIDA-WCFS1008V1C-JC12 Datasheet
178Kb / 8P
   128K x 8 Static RAM
More results

Similar Description - WCFS1008C9E

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com