Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCFS1016C1C Datasheet(PDF) 7 Page - Weida Semiconductor, Inc.

Part # WCFS1016C1C
Description  64K x 16 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCFS1016C1C Datasheet(HTML) 7 Page - Weida Semiconductor, Inc.

  WCFS1016C1C Datasheet HTML 1Page - Weida Semiconductor, Inc. WCFS1016C1C Datasheet HTML 2Page - Weida Semiconductor, Inc. WCFS1016C1C Datasheet HTML 3Page - Weida Semiconductor, Inc. WCFS1016C1C Datasheet HTML 4Page - Weida Semiconductor, Inc. WCFS1016C1C Datasheet HTML 5Page - Weida Semiconductor, Inc. WCFS1016C1C Datasheet HTML 6Page - Weida Semiconductor, Inc. WCFS1016C1C Datasheet HTML 7Page - Weida Semiconductor, Inc. WCFS1016C1C Datasheet HTML 8Page - Weida Semiconductor, Inc. WCFS1016C1C Datasheet HTML 9Page - Weida Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
WCFS1016C1C
Page 7 of 9
Switching Waveforms (continued)
Write Cycle No. 3 (WE Controlled, LOW)
tHD
tSD
tSCE
tHA
tAW
tPWE
tWC
tBW
DATA I/O
ADDRESS
CE
WE
BHE, BLE
tSA
tLZWE
tHZWE
Truth Table
CE
OE
WE
BLE
BHE
I/O1–I/O8
I/O9–I/O16
Mode
Power
H
X
X
X
X
High Z
High Z
Power-Down
Standby (ISB)
L
L
H
L
L
Data Out
Data Out
Read - All bits
Active (ICC)
L
H
Data Out
High Z
Read - Lower bits only
Active (ICC)
H
L
High Z
Data Out
Read - Upper bits only
Active (ICC)
L
X
L
L
L
Data In
Data In
Write - All bits
Active (ICC)
L
H
Data In
High Z
Write - Lower bits only
Active (ICC)
H
L
High Z
Data In
Write - Upper bits only
Active (ICC)
L
H
H
X
X
High Z
High Z
Selected, Outputs Disabled
Active (ICC)
L
X
X
H
H
High Z
High Z
Selected, Outputs Disabled
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
12
WCFS1016C1C-JC12
J
44-Lead (400-Mil) Molded SOJ
Commercial
15
WCFS1016C1C-JC15
J
44-Lead (400-Mil) Molded SOJ


Similar Part No. - WCFS1016C1C

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
WCFS1016V1C-JC12 WEIDA-WCFS1016V1C-JC12 Datasheet
187Kb / 9P
   64K x 16 Static RAM
More results

Similar Description - WCFS1016C1C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA1016U4X WEIDA-WCMA1016U4X Datasheet
308Kb / 11P
   64K x 16 Static RAM
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BV33 CYPRESS-CY7C1021BV33 Datasheet
239Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com