Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML62542 Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML62542
Description  Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML62542 Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML62542 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML62542 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML62542 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML62542 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML62542 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML62542 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML62542 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML62542 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML62542 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Page 2
ML62 Series
Positive Voltage Regulator
v Application
u Battery Powered Equipment
u Palmtops
u Portable Cameras and Video Recorders
u Reference Voltage Sources
v Features
l CMOSLowPowerConsumption:
Typical3.3uAatVout=5.0V
l OutputVoltageRange:2.0Vto6.0Vin0.1Vincrements
l HighlyAccurate:OutputVoltage+2%
l MaximumOutputCurrent:250mA
(withinthemaximumpowerdissipation,Vout=5.0V)
l SmallInput-OutputVoltageDifferential:
0.12V at 100mA and 0.38V at 200mA
l Inputstability:Typ.0.2%/V
l PackageAvailable:
SOT- 23 (150mW), SOT- 89 (500mW) & TO - 92
(300mW)
v Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
12
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3 ~VIN+0.3
V
SOT-23
150
SOT-89
500
Continuous
Total Power
Dissipation
TO-92
Pd
300
mW
Operating Ambient
Temperature
Topr
-30 ~ +70
oC
Storage Temperature
Tstg
-30 ~ +70
oC
v General Description
The ML62 is a group of positive voltage output,
three-pin regulator which provides high output
current
even
when
the
input/output
voltage
differential is small.
The ML62 consists of a high-precision voltage
reference, an error correction circuit, and a current
limited output driver.
v Block Diagram


Similar Part No. - ML62542

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML62542 MINILOGIC-ML62542 Datasheet
367Kb / 12P
   Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
More results

Similar Description - ML62542

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com