Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCMA1008U1X-TF55 Datasheet(PDF) 2 Page - Weida Semiconductor, Inc.

Part # WCMA1008U1X-TF55
Description  128K x 8 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCMA1008U1X-TF55 Datasheet(HTML) 2 Page - Weida Semiconductor, Inc.

  WCMA1008U1X-TF55 Datasheet HTML 1Page - Weida Semiconductor, Inc. WCMA1008U1X-TF55 Datasheet HTML 2Page - Weida Semiconductor, Inc. WCMA1008U1X-TF55 Datasheet HTML 3Page - Weida Semiconductor, Inc. WCMA1008U1X-TF55 Datasheet HTML 4Page - Weida Semiconductor, Inc. WCMA1008U1X-TF55 Datasheet HTML 5Page - Weida Semiconductor, Inc. WCMA1008U1X-TF55 Datasheet HTML 6Page - Weida Semiconductor, Inc. WCMA1008U1X-TF55 Datasheet HTML 7Page - Weida Semiconductor, Inc. WCMA1008U1X-TF55 Datasheet HTML 8Page - Weida Semiconductor, Inc. WCMA1008U1X-TF55 Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
WCMA1008U1X
2
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65°C to +150°C
Ambient Temperature with
Power Applied...............................................55°C to +125°C
Supply Voltage to Ground Potential..... ..........–0.5V to +4.6V
DC Voltage Applied to Outputs
in High Z State[1]........................................0.5V to VCC + 0.5V
DC Input Voltage[1]..................................–0.5V to VCC + 0.5V
Output Current into Outputs (LOW)............................20 mA
Static Discharge Voltage ..........................................>2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ......................................................>200 mA
Notes:
1.
VIL(min.) = –2.0V for pulse durations less than 20 ns.
2.
Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25°C.
Operating Range
Product
Range
Ambient Temperature
VCC
WCMA1008U1X
Industrial
–40°C to +85°C
2.7V to 3.6V
Product Portfolio
Product
VCC Range
Speed
Power Dissipation (Industrial)
Operating, ICC
Standby (ISB2)
f = fmax
Typ.[2]
Max.
Min.
Typ.[2]
Max.
Typ.[2]
Max.
WCMA1008U1X
2.7V
3.0V
3.6V
70 ns
20 mA
40 mA
0.4
µA
30
µA
55 ns


Similar Part No. - WCMA1008U1X-TF55

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008C1X-GF55 WEIDA-WCMA1008C1X-GF55 Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008C1X-GF70 WEIDA-WCMA1008C1X-GF70 Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008C1X-TF55 WEIDA-WCMA1008C1X-TF55 Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008C1X-TF70 WEIDA-WCMA1008C1X-TF70 Datasheet
211Kb / 11P
   128K x 8 Static RAM
More results

Similar Description - WCMA1008U1X-TF55

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com