Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCMA1008U1X-SF55 Datasheet(PDF) 1 Page - Weida Semiconductor, Inc.

Part # WCMA1008U1X-SF55
Description  128K x 8 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCMA1008U1X-SF55 Datasheet(HTML) 1 Page - Weida Semiconductor, Inc.

  WCMA1008U1X-SF55 Datasheet HTML 1Page - Weida Semiconductor, Inc. WCMA1008U1X-SF55 Datasheet HTML 2Page - Weida Semiconductor, Inc. WCMA1008U1X-SF55 Datasheet HTML 3Page - Weida Semiconductor, Inc. WCMA1008U1X-SF55 Datasheet HTML 4Page - Weida Semiconductor, Inc. WCMA1008U1X-SF55 Datasheet HTML 5Page - Weida Semiconductor, Inc. WCMA1008U1X-SF55 Datasheet HTML 6Page - Weida Semiconductor, Inc. WCMA1008U1X-SF55 Datasheet HTML 7Page - Weida Semiconductor, Inc. WCMA1008U1X-SF55 Datasheet HTML 8Page - Weida Semiconductor, Inc. WCMA1008U1X-SF55 Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
128K x 8 Static RAM
WCMA1008U1X
A1008U1X
Features
•High Speed
— 55ns and 70ns availability
• Voltage range
— 2.7V–3.6V
• Ultra low active power
— Typical active current: 20 mA @ f = fmax (70ns speed)
• Low standby power
• Easy memory expansion with CE and OE features
• Automatic power-down when deselected
• CMOS for optimum speed/power
Functional Description
The WCMA1008U1X is a high-performance CMOS static
RAM organized as 128K words by 8 bits. Easy memory expan-
sion is provided by an active LOW Chip Enable (CE1), an ac-
tive HIGH Chip Enable (CE2), an active LOW Output Enable
(OE) and three-state drivers. These devices have an automat-
ic power-down feature, reducing the power consumption by
over 99% when deselected.
Writing to the device is accomplished by taking Chip Enable
one (CE1) and Write Enable (WE) inputs LOW and the Chip
Enable two (CE2) input HIGH. Data on the eight I/O pins (I/O0
through I/O7) is then written into the location specified on the
address pins (A0 through A16).
Reading from the device is accomplished by taking Chip En-
able one (CE1) and Output Enable (OE) LOW while forcing
Write Enable (WE) and Chip Enable two (CE2) HIGH. Under
these conditions, the contents of the memory location speci-
fied by the address pins will appear on the I/O pins.
The eight input/output pins (I/O0 through I/O7) are placed in a
high-impedance state when the device is deselected (CE1
HIGH or CE2 LOW), the outputs are disabled (OE HIGH), or
during a write operation (CE1 LOW, CE2 HIGH, and WE LOW).
The WCMA1008U1X is available in a 32 Lead TSOP and
STSOP packages.
Logic Block Diagram
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
STSOP
Top View
(not to scale)
30
28
29
31
24
19
23
22
21
20
18
13
17
16
15
14
11
12
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O6
I/O0
CE1
A11
A5
9
10
32
1
2
3
4
5
6
7
8
CE2
A15
NC
A10
I/O3
A1
A0
A3
A2
26
25
26
27
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
TSOP I
Top View
(not to scale)
1
6
2
3
4
5
7
32
27
31
30
29
28
26
21
25
24
23
22
19
20
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O6
I/O0
CE1
A11
A5
17
18
8
9
10
11
12
13
14
15
16
CE2
A15
NC
A10
I/O3
A1
A0
A3
A2
Pin Configurations
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O0
CE2
I/O1
I/O2
I/O3
512x 256x 8
ARRAY
I/O7
I/O6
I/O5
I/O4
A0
CE1


Similar Part No. - WCMA1008U1X-SF55

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008C1X-GF55 WEIDA-WCMA1008C1X-GF55 Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008C1X-GF70 WEIDA-WCMA1008C1X-GF70 Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008C1X-TF55 WEIDA-WCMA1008C1X-TF55 Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008C1X-TF70 WEIDA-WCMA1008C1X-TF70 Datasheet
211Kb / 11P
   128K x 8 Static RAM
More results

Similar Description - WCMA1008U1X-SF55

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com