Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCMA2016U4B-FF55 Datasheet(PDF) 5 Page - Weida Semiconductor, Inc.

Part # WCMA2016U4B-FF55
Description  128K x 16 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCMA2016U4B-FF55 Datasheet(HTML) 5 Page - Weida Semiconductor, Inc.

  WCMA2016U4B-FF55 Datasheet HTML 1Page - Weida Semiconductor, Inc. WCMA2016U4B-FF55 Datasheet HTML 2Page - Weida Semiconductor, Inc. WCMA2016U4B-FF55 Datasheet HTML 3Page - Weida Semiconductor, Inc. WCMA2016U4B-FF55 Datasheet HTML 4Page - Weida Semiconductor, Inc. WCMA2016U4B-FF55 Datasheet HTML 5Page - Weida Semiconductor, Inc. WCMA2016U4B-FF55 Datasheet HTML 6Page - Weida Semiconductor, Inc. WCMA2016U4B-FF55 Datasheet HTML 7Page - Weida Semiconductor, Inc. WCMA2016U4B-FF55 Datasheet HTML 8Page - Weida Semiconductor, Inc. WCMA2016U4B-FF55 Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
WCMA2016U4B
5
Switching Characteristics Over the Operating Range[8]
Parameter
Description
55ns
70 ns
Min
Max
Min
Max
Unit
READ CYCLE
tRC
Read Cycle Time
55
70
ns
tAA
Address to Data Valid
55
70
ns
tOHA
Data Hold from Address Change
10
10
ns
tACE
CE LOW to Data Valid
55
70
ns
tDOE
OE LOW to Data Valid
25
35
ns
tLZOE
OE LOW to Low Z
[9]
5
5
ns
tHZOE
OE HIGH to High Z
[9, 11]
25
25
ns
tLZCE
CE LOW to Low Z
[9]
10
10
ns
tHZCE
CE HIGH to High Z
[9, 11]
25
25
ns
tPU
CE LOW to Power-Up
0
0
ns
tPD
CE HIGH to Power-Down
55
70
ns
tDBE
BHE / BLE LOW to Data Valid
55
70
ns
tLZBE
[10]
BHE / BLE LOW to Low Z
[9]
5
5
ns
tHZBE
BHE / BLE HIGH to High Z
[9, 11]
25
25
ns
WRITE CYCLE
[12]
tWC
Write Cycle Time
55
70
ns
tSCE
CE LOW to Write End
45
60
ns
tAW
Address Set-Up to Write End
45
60
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-Up to Write Start
0
0
ns
tPWE
WE Pulse Width
40
50
ns
tBW
BHE / BLE Pulse Width
50
60
ns
tSD
Data Set-Up to Write End
25
30
ns
tHD
Data Hold from Write End
0
0
ns
tHZWE
WE LOW to High Z
[9, 11]
20
25
ns
tLZWE
WE HIGH to Low Z
[9]
5
10
ns
Notes:
8.
Test conditions assume signal transition time of 5 ns or less, timing reference levels of VCC(typ.) /2, input pulse levels of 0 to V CC(typ.), and output loading of
the specified IOL/IOH and 30 pF load capacitance.
9.
At any given temperature and voltage condition, t HZCE is less than tLZCE, tHZBE is less than tLZBE, t HZOE is less than tLZOE, and t HZWE is less than tLZWE for
any given device.
10.
If both byte enables are toggled together this value is 10ns
11.
tHZOE, t HZCE, tHZBE, and t HZWE transitions are measured when the outputs enter a high impedance state.
12.
The internal write time of the memory is defined by the overlap of WE, CE = VIL , BHE and/or BLE = V IL. All signals must be ACTIVE to initiate a write and
any of these signals can terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal that
terminates the write..


Similar Part No. - WCMA2016U4B-FF55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
WCMA2016U4X-FF70 ETC1-WCMA2016U4X-FF70 Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
More results

Similar Description - WCMA2016U4B-FF55

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
   128K x 16 Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
213Kb / 11P
   128K x 16 Static RAM
CY62136CV18 CYPRESS-CY62136CV18 Datasheet
204Kb / 12P
   128K x 16 Static RAM
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
logo
Weida Semiconductor, In...
WCMB2016R4X WEIDA-WCMB2016R4X Datasheet
214Kb / 11P
   128K x 16 Static RAM
logo
Cypress Semiconductor
CY62137CV25 CYPRESS-CY62137CV25 Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
CY62136CV30 CYPRESS-CY62136CV30 Datasheet
213Kb / 13P
   2M (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com