Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCMB4016R4X Datasheet(PDF) 1 Page - Weida Semiconductor, Inc.

Part # WCMB4016R4X
Description  256K x 16 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCMB4016R4X Datasheet(HTML) 1 Page - Weida Semiconductor, Inc.

  WCMB4016R4X Datasheet HTML 1Page - Weida Semiconductor, Inc. WCMB4016R4X Datasheet HTML 2Page - Weida Semiconductor, Inc. WCMB4016R4X Datasheet HTML 3Page - Weida Semiconductor, Inc. WCMB4016R4X Datasheet HTML 4Page - Weida Semiconductor, Inc. WCMB4016R4X Datasheet HTML 5Page - Weida Semiconductor, Inc. WCMB4016R4X Datasheet HTML 6Page - Weida Semiconductor, Inc. WCMB4016R4X Datasheet HTML 7Page - Weida Semiconductor, Inc. WCMB4016R4X Datasheet HTML 8Page - Weida Semiconductor, Inc. WCMB4016R4X Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
256K x 16 Static RAM
WCMB4016R4X
Created January 17, 2002
Features
• Low voltage range:
— 1.65V
−1.95V
• Ultra-low active power
— Typical Active Current: 0.5 mA @ f = 1 MHz
— Typical Active Current: 2 mA @ f = fmax (70 ns speed)
• Low standby power
• Easy memory expansion with CE and OE features
• Automatic power-down when deselected
• CMOS for optimum speed/power
Functional Description
The WCMB4016R4X is a high-performance CMOS static
RAM organized as 256K words by 16 bits. This device features
advanced circuit design to provide ultra-low active current.
This device is ideal for portable applications such as cellular
telephones. The device also has an automatic power-down
feature that significantly reduces power consumption by 99%
when addresses are not toggling. The device can also be put
into standby mode when deselected (CE HIGH or both BLE
and BHE are HIGH). The input/output pins (I/O0 through I/O15)
are placed in a high-impedance state when: deselected (CE
HIGH), outputs are disabled (OE HIGH), both Byte High En-
able and Byte Low Enable are disabled (BHE, BLE HIGH), or
during a write operation (CE LOW and WE LOW).
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. If Byte Low Enable
(BLE) is LOW, then data from I/O pins (I/O0 through I/O7), is
written into the location specified on the address pins (A0
through A17). If Byte High Enable (BHE) is LOW, then data
from I/O pins (I/O8 through I/O15) is written into the location
specified on the address pins (A0 through A17).
Reading from the device is accomplished by taking Chip En-
able (CE) and Output Enable (OE) LOW while forcing the Write
Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then
data from the memory location specified by the address pins
will appear on I/O0 to I/O7. If Byte High Enable (BHE) is LOW,
then data from memory will appear on I/O8 to I/O15. See the
Truth Table at the back of this data sheet for a complete de-
scription of read and write modes.
The WCMB4016R4X is available in a 48-ball FBGA package.
Logic Block Diagram
256K x 16
RAM Array
I/O0–I/O7
COLUMN DECODER
2048 X 2048
DATA IN DRIVERS
OE
I/O8–I/O15
CE
WE
BLE
BHE
A7
A6
A3
A0
A2
A1
A5
A4
A8
Power
-Down
Circuit
BHE
BLE
CE
A9
A10


Similar Part No. - WCMB4016R4X

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCMB2016R4X WEIDA-WCMB2016R4X Datasheet
214Kb / 11P
   128K x 16 Static RAM
WCMB2016R4X-FF70 WEIDA-WCMB2016R4X-FF70 Datasheet
214Kb / 11P
   128K x 16 Static RAM
More results

Similar Description - WCMB4016R4X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
   256K x 16 Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33 Datasheet
226Kb / 11P
   256K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS4016V1C WEIDA-WCFS4016V1C Datasheet
219Kb / 9P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com