Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCSS0418V1P Datasheet(PDF) 1 Page - Weida Semiconductor, Inc.

Part # WCSS0418V1P
Description  256K x 18 Synchronous-Pipelined Cache RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCSS0418V1P Datasheet(HTML) 1 Page - Weida Semiconductor, Inc.

  WCSS0418V1P Datasheet HTML 1Page - Weida Semiconductor, Inc. WCSS0418V1P Datasheet HTML 2Page - Weida Semiconductor, Inc. WCSS0418V1P Datasheet HTML 3Page - Weida Semiconductor, Inc. WCSS0418V1P Datasheet HTML 4Page - Weida Semiconductor, Inc. WCSS0418V1P Datasheet HTML 5Page - Weida Semiconductor, Inc. WCSS0418V1P Datasheet HTML 6Page - Weida Semiconductor, Inc. WCSS0418V1P Datasheet HTML 7Page - Weida Semiconductor, Inc. WCSS0418V1P Datasheet HTML 8Page - Weida Semiconductor, Inc. WCSS0418V1P Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
256K x 18 Synchronous-Pipelined Cache RAM
WCSS0418V1P
Document #: 38-05247
Revised February 6, 2001
Y7C1327
Features
• Supports 100-MHz bus for Pentium
 and PowerPC™
operations with zero wait states
• Fully registered inputs and outputs for pipelined
operation
• 256K by 18 common I/O architecture
• 3.3V core power supply
• 2.5V / 3.3V I/O operation
• Fast clock-to-output times
— 3.5 ns (for 166-MHz device)
— 4.0 ns (for 133-MHz device)
— 5.5 ns (for 100-MHz device)
• User-selectable burst counter supporting Intel
Pentium interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed writes
• Asynchronous Output Enable
• JEDEC-standard 100 TQFP pinout
• “ZZ” Sleep Mode option and Stop Clock option
Functional Description
The WCSS0418V1P is a 3.3V, 256K by 18 synchronous-pipe-
lined cache SRAM designed to support zero wait state sec-
ondary cache with minimal glue logic.
The WCSS0418V1P I/O pins can operate at either the 2.5V or
the 3.3V level. The I/O pins are 3.3V tolerant when VD-
DQ=2.5V.
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. All data outputs pass through
output registers controlled by the rising edge of the clock. Max-
imum access delay from the clock rise is 3.5 ns (166-MHz
device).
The WCSS0418V1P supports either the interleaved burst se-
quence used by the Intel Pentium processor or a linear burst
sequence used by processors such as the PowerPC. The
burst sequence is selected through the MODE pin. Accesses
can be initiated by asserting either the Processor Address
Strobe (ADSP) or the Controller Address Strobe (ADSC) at
clock rise. Address advancement through the burst sequence
is controlled by the ADV input. A 2-bit on-chip wraparound
burst counter captures the first address in a burst sequence
and automatically increments the address for the rest of the
burst access.
Byte write operations are qualified with the four Byte Write
Select (BW[1:0]) inputs. A Global Write Enable (GW) overrides
all byte write inputs and writes data to all four bytes. All writes
are conducted with on-chip synchronous self-timed write cir-
cuitry.
Three synchronous Chip Selects (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank se-
lection and output three-state control. In order to provide prop-
er data during depth expansion, OE is masked during the first
clock of a read cycle when emerging from a deselected state.
Intel and Pentium are registered trademarks of Intel Corporation.
PowerPC is a trademark of IBM Corporation.
CLK
ADV
ADSC
A[17:0]
GW
BWE
BW 1
BW
0
CE1
CE3
CE2
OE
ZZ
BURST
COUNTER
ADDRESS
REGISTER
OUTPUT
REGISTERS
INPUT
REGISTERS
256KX18
MEMORY
ARRAY
CLK
CLK
Q0
Q1
Q
D
CE
CE
CLR
SLEEP
CONTROL
18
18
18
16
16
18
(A[1;0])
2
MODE
ADSP
Logic Block Diagram
DQ[15:0]
DP[1:0]
DQ[15:8], DP[1]
BYTEWRITE
REGISTERS
DQ
DQ[7:0], DP[0]
BYTEWRITE
REGISTERS
DQ
ENABLE CE
REGISTER
DQ
ENABLE DELAY
REGISTER
DQ
CE


Similar Part No. - WCSS0418V1P

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
WCSS0418V1F-100AC WEIDA-WCSS0418V1F-100AC Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
WCSS0418V1F-100AC WEIDA-WCSS0418V1F-100AC Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
WCSS0418V1F-100AI WEIDA-WCSS0418V1F-100AI Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
WCSS0418V1F-100AI WEIDA-WCSS0418V1F-100AI Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
More results

Similar Description - WCSS0418V1P

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Integrated Silicon Solu...
IS61SP25616 ISSI-IS61SP25616 Datasheet
120Kb / 15P
   256K x 16, 256K x 18 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
logo
Cypress Semiconductor
CY7C1339B CYPRESS-CY7C1339B Datasheet
529Kb / 17P
   128K x 32 Synchronous Pipelined Cache RAM
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com