Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCSS0436V1P Datasheet(PDF) 6 Page - Weida Semiconductor, Inc.

Part # WCSS0436V1P
Description  256K x 18 Synchronous 3.3V Cache RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCSS0436V1P Datasheet(HTML) 6 Page - Weida Semiconductor, Inc.

Back Button WCSS0436V1P Datasheet HTML 2Page - Weida Semiconductor, Inc. WCSS0436V1P Datasheet HTML 3Page - Weida Semiconductor, Inc. WCSS0436V1P Datasheet HTML 4Page - Weida Semiconductor, Inc. WCSS0436V1P Datasheet HTML 5Page - Weida Semiconductor, Inc. WCSS0436V1P Datasheet HTML 6Page - Weida Semiconductor, Inc. WCSS0436V1P Datasheet HTML 7Page - Weida Semiconductor, Inc. WCSS0436V1P Datasheet HTML 8Page - Weida Semiconductor, Inc. WCSS0436V1P Datasheet HTML 9Page - Weida Semiconductor, Inc. WCSS0436V1P Datasheet HTML 10Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
WCSS0418V1F
Document #: 38-05245 Rev. **
Page 6 of 18
Cycle Description Table[1, 2, 3]
Cycle Description
ADD
Used
CE1
CE3
CE2
ZZ
ADSP
ADSC
ADV
WE
OE
CLK
DQ
Deselected Cycle, Power-down
None
H
X
X
L
X
L
X
X
X
L-H
High-Z
Deselected Cycle, Power-down
None
L
X
L
L
L
X
X
X
X
L-H
High-Z
Deselected Cycle, Power-down
None
L
H
X
L
L
X
X
X
X
L-H
High-Z
Deselected Cycle, Power-down
None
L
X
L
L
H
L
X
X
X
L-H
High-Z
Deselected Cycle, Power-down
None
X
X
X
L
H
L
X
X
X
L-H
High-Z
SNOOZE MODE, Power-Down
None
X
X
X
H
X
X
X
X
X
X
High-Z
READ Cycle, Begin Burst
External
L
L
H
L
L
X
X
X
L
L-H
Q
READ Cycle, Begin Burst
External
L
L
H
L
L
X
X
X
H
L-H
High-Z
WRITE Cycle, Begin Burst
External
L
L
H
L
H
L
X
L
X
L-H
D
READ Cycle, Begin Burst
External
L
L
H
L
H
L
X
H
L
L-H
Q
READ Cycle, Begin Burst
External
L
L
H
L
H
L
X
H
H
L-H
High-Z
READ Cycle, Continue Burst
Next
X
X
X
L
H
H
L
H
L
L-H
Q
READ Cycle, Continue Burst
Next
X
X
X
L
H
H
L
H
H
L-H
High-Z
READ Cycle, Continue Burst
Next
H
X
X
L
X
H
L
H
L
L-H
Q
READ Cycle, Continue Burst
Next
H
X
X
L
X
H
L
H
H
L-H
High-Z
WRITE Cycle, Continue Burst
Next
X
X
X
L
H
H
L
L
X
L-H
D
WRITE Cycle, Continue Burst
Next
H
X
X
L
X
H
L
L
X
L-H
D
READ Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
H
L
L-H
Q
READ Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
H
H
L-H
High-Z
READ Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
H
L
L-H
Q
READ Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
H
H
L-H
High-Z
WRITE Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
L
X
L-H
D
WRITE Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
L
X
L-H
D
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min
Max
Unit
IDDZZ
Snooze mode
standby current
ZZ > VDD − 0.2V
10
mA
tZZS
Device operation to
ZZ
ZZ > VDD − 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
Notes:
1.
X = “Don't Care,” 1 = Logic HIGH, 0 = Logic LOW.
2.
The SRAM always initiates a read cycle when ADSP asserted, regardless of the state of GW, BWE, or BWS[1:0]. Writes may occur only on subsequent clocks
after the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the write cycle to allow the outputs to three-state. OE
is a “Don't Care” for the remainder of the write cycle.
3.
OE is asynchronous and is not sampled with the clock rise. During a read cycle DQ = High-Z when OE is inactive, and DQ=data when OE is active.


Similar Part No. - WCSS0436V1P

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
WCSS0418V1F-100AC WEIDA-WCSS0418V1F-100AC Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
WCSS0418V1F-100AI WEIDA-WCSS0418V1F-100AI Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
WCSS0418V1F-100BGC WEIDA-WCSS0418V1F-100BGC Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
WCSS0418V1F-100BGI WEIDA-WCSS0418V1F-100BGI Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
More results

Similar Description - WCSS0436V1P

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
CY7C1031 CYPRESS-CY7C1031 Datasheet
282Kb / 13P
   64K x 18 Synchronous Cache RAM
CY7C179 CYPRESS-CY7C179 Datasheet
1Mb / 12P
   32K x 18 Synchronous Cache RAM
logo
Integrated Silicon Solu...
IS61SP25616 ISSI-IS61SP25616 Datasheet
120Kb / 15P
   256K x 16, 256K x 18 SYNCHRONOUS PIPELINED STATIC RAM
logo
GSI Technology
GS84118T-166 GSI-GS84118T-166 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com