Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCSN0436V1P-100AC Datasheet(PDF) 3 Page - Weida Semiconductor, Inc.

Part # WCSN0436V1P-100AC
Description  128Kx36 Pipelined SRAM with NoBL TM Architecture
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCSN0436V1P-100AC Datasheet(HTML) 3 Page - Weida Semiconductor, Inc.

  WCSN0436V1P-100AC Datasheet HTML 1Page - Weida Semiconductor, Inc. WCSN0436V1P-100AC Datasheet HTML 2Page - Weida Semiconductor, Inc. WCSN0436V1P-100AC Datasheet HTML 3Page - Weida Semiconductor, Inc. WCSN0436V1P-100AC Datasheet HTML 4Page - Weida Semiconductor, Inc. WCSN0436V1P-100AC Datasheet HTML 5Page - Weida Semiconductor, Inc. WCSN0436V1P-100AC Datasheet HTML 6Page - Weida Semiconductor, Inc. WCSN0436V1P-100AC Datasheet HTML 7Page - Weida Semiconductor, Inc. WCSN0436V1P-100AC Datasheet HTML 8Page - Weida Semiconductor, Inc. WCSN0436V1P-100AC Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
WCSN0436V1P
Document #: 38-05246 Rev. **
Page 3 of 14
Pin Definitions
Pin Number
Name
I/O
Description
50–44,
81–82, 99,
100, 32–37
A[16:0]
Input-
Synchronous
Address Inputs used to select one of the 131,072 address locations. Sampled at
the rising edge of the CLK.
96–93
BWS[3:0]
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified with WE to conduct writes to the
SRAM. Sampled on the rising edge of CLK. BWS0 controls DQ[7:0] and DP0, BWS1
controls DQ[15:8] and DP1, BWS2 controls DQ[23:16] and DP2, BWS3 controls
DQ[31:24] and DP3. See Write Cycle Description table for details.
88
WE
Input-
Synchronous
Write Enable Input, active LOW. Sampled on the rising edge of CLK if CEN is active
LOW. This signal must be asserted LOW to initiate a write sequence.
85
ADV/LD
Input-
Synchronous
Advance/Load Input used to advance the on-chip address counter or load a new
address. When HIGH (and CEN is asserted LOW) the internal burst counter is
advanced. When LOW, a new address can be loaded into the device for an access.
After being deselected, ADV/LD should be driven LOW in order to load a new
address.
89
CLK
Input-Clock
Clock Input. Used to capture all synchronous inputs to the device. CLK is qualified
with CEN. CLK is only recognized if CEN is active LOW.
98
CE1
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE2, and CE3 to select/deselect the device.
97
CE2
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE3 to select/deselect the device.
92
CE3
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE2 to select/deselect the device.
86
OE
Input-
Asynchronous
Output Enable, active LOW. Combined with the synchronous logic block inside the
device to control the direction of the I/O pins. When LOW, the I/O pins are allowed
to behave as outputs. When deasserted HIGH, I/O pins are three-stated, and act
as input data pins. OE is masked during the data portion of a write sequence, during
the first clock when emerging from a deselected state, when the device has been
deselected.
87
CEN
Input-
Synchronous
Clock Enable Input, active LOW. When asserted LOW the clock signal is recog-
nized by the SRAM. When deasserted HIGH the Clock signal is masked. Since
deasserting CEN does not deselect the device, CEN can be used to extend the
previous cycle when required.
29–28,
25–22,
19–18,
13–12, 9–6,
3–2, 79–78,
75–72,
69–68, 63–62
59–56, 53–52
DQ[31:0]
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed into an on-chip data register that
is triggered by the rising edge of CLK. As outputs, they deliver the data contained
in the memory location specified by A[16:0] during the previous clock rise of the
read cycle. The direction of the pins is controlled by OE and the internal control
logic. When OE is asserted LOW, the pins can behave as outputs. When HIGH,
DQ[31:0] are placed in a three-state condition. The outputs are automatically
three-stated during the data portion of a write sequence, during the first clock when
emerging from a deselected state, and when the device is deselected, regardless
of the state of OE.
30, 1, 80 51
DP[3:0]
I/O-
Synchronous
Bidirectional Data Parity I/O lines. Functionally, these signals are identical to
DQ[31:0]. During write sequences, DP0 is controlled by BWS0, DP1 is controlled by
BWS1, DP2 is controlled by BWS2, and DP3 is controlled by BWS3.
31
MODE
Input Strap pin
Mode Input. Selects the burst order of the device. Tied HIGH selects the inter-
leaved burst order. Pulled LOW selects the linear burst order. MODE should not
change states during operation. When left floating MODE will default HIGH, to an
interleaved burst order.
15, 16, 41, 65,
66, 91
VDD
Power Supply
Power supply inputs to the core of the device. Should be connected to 3.3V power
supply.
4, 11, 14, 20,
27, 54, 61, 70,
77
VDDQ
I/O Power
Supply
Power supply for the I/O circuitry. Should be connected to a 3.3V power supply.


Similar Part No. - WCSN0436V1P-100AC

ManufacturerPart #DatasheetDescription
logo
Level One
WCS-0030 LVL1-WCS-0030 Datasheet
402Kb / 6P
   Megapixel Wireless PIR Lighting Network Camera
WCS-0050 LVL1-WCS-0050 Datasheet
432Kb / 6P
   150Mbps Wireless Megapixel Network Camera
WCS-0050 LVL1-WCS-0050 Datasheet
817Kb / 3P
   4-CH Network Video Recorder
WCS-6020 LVL1-WCS-6020 Datasheet
491Kb / 6P
   2-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
WCS-6050 LVL1-WCS-6050 Datasheet
513Kb / 6P
   5-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
More results

Similar Description - WCSN0436V1P-100AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350B CYPRESS-CY7C1350B Datasheet
200Kb / 14P
   128Kx36 Pipelined SRAM with NoBL Architecture
CY7C1351 CYPRESS-CY7C1351 Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
CY7C1352 CYPRESS-CY7C1352 Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352G CYPRESS-CY7C1352G Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1352F CYPRESS-CY7C1352F Datasheet
291Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1350F CYPRESS-CY7C1350F Datasheet
539Kb / 16P
   4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1334H CYPRESS-CY7C1334H Datasheet
575Kb / 13P
   2-Mbit (64K x 32) Pipelined SRAM with NoBL??Architecture
CY7C1378C CYPRESS-CY7C1378C Datasheet
310Kb / 13P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com