Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6219D092PL Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6219D092PL
Description  High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6219D092PL Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6219D092PL Datasheet HTML 1Page - Torex Semiconductor XC6219D092PL Datasheet HTML 2Page - Torex Semiconductor XC6219D092PL Datasheet HTML 3Page - Torex Semiconductor XC6219D092PL Datasheet HTML 4Page - Torex Semiconductor XC6219D092PL Datasheet HTML 5Page - Torex Semiconductor XC6219D092PL Datasheet HTML 6Page - Torex Semiconductor XC6219D092PL Datasheet HTML 7Page - Torex Semiconductor XC6219D092PL Datasheet HTML 8Page - Torex Semiconductor XC6219D092PL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Data Sheet
1
R000026
XC6219 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
October 4, 2004 V5
CMOS Low Power Consumption
APPLICATIONS
Dropout Voltage
60mV @ 30mA
Mobile phones
200mV @ 100mA
Cordless phones and radio communication equipment
Output Current
150mA (VOUT<1.75V)
Portable games
240mA (VOUT>1.8V)
Cameras, video cameras
(300mA limit)
Reference voltage sources
Highly Accurate
+ 2%
Battery powered equipment
(+30mV when VOUT>1.5V)
Output Voltage Range
0.9V to 5.0V (50mV increments)
Low ESR Ceramic Capacitor Compatible
GENERAL DESCRIPTION
FEATURES
The XC6219 series are highly accurate, low noise, CMOS LDO
Maximum Output Current
150mA (VOUT<1.75V)
Voltage Regulators. Offering low output noise, high ripple rejection
240mA (VOUT>1.8V)
ratio, low dropout and very fast turn-on times, the XC6219 series
(300mA limit (TYP))
is ideal for today’s cutting edge mobile phone.
Dropout Voltage
200mV (IOUT=100mA)
Internally the XC6219 includes a reference voltage source, error
Operating Voltage Range
2.0V ~ 6.0V
amplifiers, driver transistors, current limiters and phase
Output Voltage Range
0.9V ~ 5.0V (50mV steps)
compensators. The XC6219’s current limiters' foldback circuit
Highly Accurate
+ 2% (VOUT>1.5V)
also operates as a short protect for the output current limiter and.
+30mV (VOUT<1.5V)
the output pin. The output voltage is set by laser trimming.
Low Power Consumption
25
µA (TYP.)
Voltages are selectable in 50mV steps within a range of
Standby Current
Less than 0.1
µA (TYP.)
0.9V to 5.0V. The XC6219 series is also fully compatible with low
High Ripple Rejection
65dB (10kHz)
ESR ceramic capacitors, reducing cost and improving output stability.
Operating Temperature Range
- 40OC to 85OC
This high level of output stability is maintained even during frequent
Low ESR Ceramic Compatible
Ceramic Capacitor
load fluctuations, due to the excellent transient response performance
Ultra Small Packages
SOT-25 (SOT-23-5)
and high PSRR achieved across a broad range of frequencies.
SOT-89
The CE function allows the output of regulator to be turned off,
USP-6B
resulting in greatly reduced power consumption.
The XC6219 series is available in the SOT-25 (SOT-23-5), SOT-89
or USP-6B ‘chip-scale’ package. Measuring only 2.0mm x 1.8mm
the USP-6B is perfect for applications where PCB area is critical.
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTICS
Ripple Rejection Rate
SOT-25 (SOT-23-5)
VSS
1
2
3
4
5
VIN
VOUT
CE
NC
CIN
1µF
CL
1µF
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
Ripple Frequency f (kHz)
XC6219x302
VIN=3.0V, DC+1Vp-pAC
IOUT=50mA, CL=1uF (ceramics)


Similar Part No. - XC6219D092PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219D091DL TOREX-XC6219D091DL Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219D091DR TOREX-XC6219D091DR Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219D091ML TOREX-XC6219D091ML Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219D091MR TOREX-XC6219D091MR Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219D091PL TOREX-XC6219D091PL Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
More results

Similar Description - XC6219D092PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com