Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2PCIE412-DZHE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI2PCIE412-DZHE
Description  Enhanced, 1.8V, PCI Express Compliant, 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE412-DZHE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI2PCIE412-DZHE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PCIE412-DZHE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE412-DZHE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE412-DZHE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE412-DZHE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE412-DZHE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2PCIE412-DZHE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2PCIE412-DZHE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI2PCIE412-DZHE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PS8788B
01/23/06
PI2PCIE412-D
Enhanced, 1.8V, PCI Express Compliant,
4-Differential Channel, 2:1 Mux/DeMux Switch
Figure 6: The worst non-transition signal eye (left) and the worst transition signal eye (right) of the PCI-SIG compliance
software test using PI2PCIE412-D + 22.5" test card
Figure 7. The worst non-transition signal eye (left) and the worst transition signal eye (right) of the PCI-SIG compliance
software test with no switch + w/ 22.5" test card


Similar Part No. - PI2PCIE412-DZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE212 PERICOM-PI2PCIE212 Datasheet
284Kb / 8P
   1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE212ZHE PERICOM-PI2PCIE212ZHE Datasheet
284Kb / 8P
   1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2212 PERICOM-PI2PCIE2212 Datasheet
818Kb / 6P
   PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2212ZHE PERICOM-PI2PCIE2212ZHE Datasheet
818Kb / 6P
   PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2214 PERICOM-PI2PCIE2214 Datasheet
1,011Kb / 6P
   PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
More results

Similar Description - PI2PCIE412-DZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE212 PERICOM-PI2PCIE212 Datasheet
284Kb / 8P
   1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2412 PERICOM-PI2PCIE2412 Datasheet
809Kb / 9P
   1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2DBS412 PERICOM-PI2DBS412 Datasheet
542Kb / 9P
   1.8V, 1.8GHz, Differential Broadband Signal Switch,4-Differential Channel, 2:1 Mux/DeMux Switch,w/ Single Enable
PI2DBS212 PERICOM-PI2DBS212 Datasheet
911Kb / 10P
   1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
logo
Potato Semiconductor Co...
PO3B20A POTATO-PO3B20A Datasheet
548Kb / 6P
   4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
ON Semiconductor
NCN2411 ONSEMI-NCN2411 Datasheet
315Kb / 9P
   4-Channel Differential 1:2 Mux/Demux Switch for PCI Express Gen2
August, 2011 ??Rev. 0
NCN3411 ONSEMI-NCN3411 Datasheet
527Kb / 10P
   4-Differential Channel 1:2 Mux/Demux Switch for PCI Express Gen3
September, 2011 ??Rev. 0
logo
Pericom Semiconductor C...
PI3PCIE3212 PERICOM-PI3PCIE3212 Datasheet
1Mb / 11P
   3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
   2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Pericom Semiconductor C...
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com