Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C410A Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C410A
Description  Clock Generator for Intel PCI-Express Desktop Chipset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C410A Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6C410A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C410A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C410A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C410A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C410A Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C410A Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C410A Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C410A Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C410A Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
PS8734A
09/02/04
PI6C410
Clock Generator for Intel
PCI-Express Desktop Chipset
Power Down (PWRDWN assertion)
DOT, 96 MHz
DOT#, 96 MHz
PCI
REF
PWRDWN
CPU, 133 MHz
CPU#, 133 MHz
SRC, 100 MHz
SRC#, 100 MHz
USB, 48 MHz
Figure 1, Power down sequence
Tdrive_PwrDwr
< 300us, > 200mV
Tstable
< 1.8ms
DOT, 96 MHz
DOT#, 96 MHz
PCI
REF
PWRDWN
CPU, 133 MHz
CPU#, 133 MHz
SRC, 100 MHz
SRC#, 100 MHz
USB, 48 MHz
Power Down (PWRDWN de-assertion)
Figure 2, Power down de-assert sequence


Similar Part No. - PI6C410A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C410B PERICOM-PI6C410B Datasheet
570Kb / 15P
   Clock Generator for Intel PCI-Express Server Chipset
PI6C410BAE PERICOM-PI6C410BAE Datasheet
570Kb / 15P
   Clock Generator for Intel PCI-Express Server Chipset
PI6C410BVE PERICOM-PI6C410BVE Datasheet
570Kb / 15P
   Clock Generator for Intel PCI-Express Server Chipset
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
PI6C410MA PERICOM-PI6C410MA Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
More results

Similar Description - PI6C410A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
PI6C410B PERICOM-PI6C410B Datasheet
570Kb / 15P
   Clock Generator for Intel PCI-Express Server Chipset
logo
Renesas Technology Corp
SLG84901 RENESAS-SLG84901 Datasheet
816Kb / 22P
   Clock Synthesizer for Intel PCI-Express Gen3 Chipset
February 23, 2023
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com