Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C410A Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI6C410A
Description  Clock Generator for Intel PCI-Express Desktop Chipset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C410A Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI6C410A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C410A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C410A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C410A Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C410A Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C410A Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C410A Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C410A Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C410A Datasheet HTML 14Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
PS8734A
09/02/04
PI6C410
Clock Generator for Intel
PCI-Express Desktop Chipset
Tristate Specifications
Signal
Pwrdwn
Pwrdwn Tristate Bit
Stoppable
Non-stop
pin
Outputs
Outputs
CPU[0:2], SRC[1:7],
DOT96
0
X
Running
Running
1
0
Driven @ Iref x 2
Driven @ Iref x 2
1
1
Tristate
Tristate
Spread Spectrum Specifications
PI6C410 supports Spread Spectrum clocking and can be enabled and disabled via SMBus control. The maximum Spread Spectrum
Modulation is –0.5% down spread with frequency from 30KHz to 33KHz.
SSC ON
Tperiod
SSC OFF
Tperiod
Unit
Min
Max
Min
Max
ns
CPU @ 399.000MHz
2.4993
2.5133
CPU @ 400.000MHz
2.4993
2.5008
CPU @ 332.500MHz
2.9991
3.016
CPU @ 333.333MHz
2.9991
3.0009
CPU @ 266.000MHz
3.7489
3.77
CPU @ 266.666MHz
3.7489
3.7511
CPU @ 199.500MHz
4.9985
5.0266
CPU @ 200.000MHz
4.9985
5.0015
CPU @ 166.250MHz
5.9982
6.032
CPU @ 166.666MHz
5.9982
6.0018
CPU @ 133.000MHz
7.4978
7.54
CPU @ 133.333MHz
7.4978
7.5023
CPU @ 99.750MHz
9.997
10.0533
CPU @ 100.000MHz
9.997
10.003
SRC @ 99.750MHz
9.997
10.0533
SRC @ 100.000MHz
9.997
10.003
PCIF / PCI @ 33.250MHz
29.991
30.1598
PCIF / PCI @ 33.333MHz
29.991
30.009
Crystal Recommendations
Frequency
Cut
Loading Load Cap
Drive
Max.
Shunt Cap
Max.
Motional
Cap Max.
Tolerance
Max.
Stability
Max.
Aging
Max.
14.31818MHz
AT
Parallel
20pF
0.1mW
5pF
0.016pF
35ppm
30ppm
5ppm
Notes:
1. External trim capacitors (Ce) are required by using this formula Ce = 2*CL – (Cs + Ci). Typical Ce = 33pF when Crystal Load = 20pF, Trace
capacitance (Cs) = 2.8pF and XTAL pins capacitance = 4.5pF.


Similar Part No. - PI6C410A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C410B PERICOM-PI6C410B Datasheet
570Kb / 15P
   Clock Generator for Intel PCI-Express Server Chipset
PI6C410BAE PERICOM-PI6C410BAE Datasheet
570Kb / 15P
   Clock Generator for Intel PCI-Express Server Chipset
PI6C410BVE PERICOM-PI6C410BVE Datasheet
570Kb / 15P
   Clock Generator for Intel PCI-Express Server Chipset
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
PI6C410MA PERICOM-PI6C410MA Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
More results

Similar Description - PI6C410A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
PI6C410B PERICOM-PI6C410B Datasheet
570Kb / 15P
   Clock Generator for Intel PCI-Express Server Chipset
logo
Renesas Technology Corp
SLG84901 RENESAS-SLG84901 Datasheet
816Kb / 22P
   Clock Synthesizer for Intel PCI-Express Gen3 Chipset
February 23, 2023
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com